Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8421 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR8421
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR8421 Datasheet HTML 1Page - Leshan Radio Company LR8421 Datasheet HTML 2Page - Leshan Radio Company LR8421 Datasheet HTML 3Page - Leshan Radio Company LR8421 Datasheet HTML 4Page - Leshan Radio Company LR8421 Datasheet HTML 5Page - Leshan Radio Company LR8421 Datasheet HTML 6Page - Leshan Radio Company LR8421 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
SYMBOL
RATINGS
UNITS
CE Voltage
(2)
VCE
VOUT+0.3
V
Other Pins Voltage
(2)
6
V
Power Dissipation
(3)
SOP8-PP
PD@TA=25°C
1
W
Package Thermal Resistance
(4)
JA
125
°C/W
Operating Junction Temperature Range
Tj
150
°C
Lead Temperature(Soldering, 10 sec)
Tsolder
260
°C
Storage Temperature Range
Tstg
-65~150
°C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under
recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods
my affect device reliability.
(2) All voltages are with respect to network ground terminal.
(3) The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX), the junction-to
ambient thermal resistance JA, and the ambient temperature TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = [ TJ(MAX)-TA ]/ JA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent damage.
(4) JA is measured in the natural convection at TA=25
on a two-layer Chipower Evaluation Board
RECOMMENDED OPERATING CONDITIONS
(5)
MIN
NOM
MAX
UNITS
Supply voltage at VBAT
1.8
5.25
V
Output voltage at VOUT
2.5
5.5
V
CE
0
VOUT+0.3
V
All other pins
0
5.5
V
Operating Ambient temperature range, TA
-40
85
°C
Operating junction temperature range, Tj
-40
125
°C
(5) The device is not guaranteed to function outside its operating conditions.
LESHAN RADIO COMPANY, LTD.
Ver0.1
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com