Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8421 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR8421
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR8421 Datasheet HTML 1Page - Leshan Radio Company LR8421 Datasheet HTML 2Page - Leshan Radio Company LR8421 Datasheet HTML 3Page - Leshan Radio Company LR8421 Datasheet HTML 4Page - Leshan Radio Company LR8421 Datasheet HTML 5Page - Leshan Radio Company LR8421 Datasheet HTML 6Page - Leshan Radio Company LR8421 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ELECTRICAL CHARACTERISTICS
(VCE=VBAT=2.4V, VOUT=5V, IOUT=500mA, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(6)
MAX
UNITS
Input Supply Range
VBAT
1.8
5.25
V
Output Voltage Range
VOUT
2.5
5.5
V
Output Over Voltage Protection
VOVP
6
V
Input Quiescent Current
IBAT
VBAT=3.6V, VFB=1.28V,
No load, no switching
(exclude input current from CE)
50
70
A
Shutdown Current
ISHDN
VCE=0V, VBAT=2.4V
0.1
1
A
Input VIN UVLO Threshold
VUVLO
1.78
V
VIN UVLO Hysteresis
VUVLO_HYS
0.1
V
Linear Charge Current Limit
(7)
ICHARGE
VOUT 1V
1.2
A
1V<VOUT<90%VBAT
1
Soft-start time
TSS
1
ms
CE High-Level Threshold
VCEH
CE Rising
1.2
V
CE Low-Level Threshold
VCEL
CE Falling
0.4
V
Switching Frequency
FSW
500
KHz
Feedback Reference Voltage
VFB
1.182
1.2
1.218
V
Low Side Main N-FET RON
(8)
RNDS(ON)
VOUT=5V
35
55
m
Synchronous P-FET RON
(8)
RPDS(ON)
VOUT=5V
42
60
m
Maximum Duty Cycle
DMAX
90
95
97
%
Main N-FET Current Limit
(7) (9)
ILIM1
D=44%, VIN=2.8V, VOUT=5V
5.0
A
Thermal Shutdown
(7)
TSD
150
°C
Thermal Shutdown Hysteresis
(7)
THYS
20
°C
(6) Typical numbers are at 25°C and represent the most likely norm.
(7) Specification is guaranteed by characterization and not 100% tested in production.
(8) Does not include the bond wires. Measured directly at the die.
(9) Duty cycle affects current limit due to ramp generator.
TYPICAL APPLICATION CIRCUIT
Figure 1 Standard Application Circuit
LESHAN RADIO COMPANY, LTD.
Ver0.1
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com