Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLMB1E Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 2 Page - International Rectifier

  IRPLMB1E Datasheet HTML 1Page - International Rectifier IRPLMB1E Datasheet HTML 2Page - International Rectifier IRPLMB1E Datasheet HTML 3Page - International Rectifier IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.irf.com
IRPLMB1E
Input
(VAC)
Pin
(W)
Iinrms
(mA)
Vbusav
(V)
Freq.
(KHz)
PF
THD
(%)
200
21
160
280
40.3
0.63
115
210
22
160
290
40.3
0.625
117
220
24
168
300
40.3
0.62
118
230
24.2
168
310
40.3
0.62
118
240
24.5
168
320
40.3
0.61
118
2. Features
!
Programmable run frequency
!
Programmable preheat time
!
Open filaments and no-lamp protection
!
Failure to Strike and deactivated-lamp protection
!
Low AC line protection
3. Electrical Characteristics
Input Power: 24W @ 220VAC
Input Current: 168mArms @ 220VAC
Starting Frequency: 100KHz
Average Run Frequency: 40KHz
Ballast turn-on voltage: 120VAC
Ballast turn-off voltage: 70VAC
4. IR2520D Ballast Control IC
The IR2520D is intended for driving CFL and TL
lamps in CFL or matchbox (small size ballasts)
applications. The IR2520D integrates all of the
necessary functions for preheat, ignition and on-state
operation of the lamp, plus, lamp fault protection and
low AC-line protection, together with a complete high
and low-side 600V half-bridge driver. The IR2520D
has only 8 pins and fits into a standard SOIC8 or
DIP8 package. The IR2520D has been designed to
overcome the disadvantage of discrete self-
oscillating solutions while maintaining low cost.
In the CFL market, the self-oscillating bipolar
transistor solution is still more popular than a
ballast control IC plus FETs solution due to lower
cost. This approach is very simple in nature but has
disadvantages including:
!
DIAC or additional circuit required for starting,
additional free-wheeling diodes required
!
operating frequencies determined by bi-polar tran-
sistor storage time and toroid saturation (not easy to
design, very dependent on tolerances in production
and difficult to set the frequencies precisely),
!
unreliable “always hot” PTC thermistor used for
preheat that often fails in the field,
!
no protection against lamp non-strike or open
filaments conditions,
!
no smooth frequency ramping during ignition,
!
capacitive mode operations,
!
high crest factor in the lamp current.
These can result in high susceptibility to components
and load tolerances and/or catastrophic failure of
ballast output stage components and a short lamp
life. The IR2520D includes adaptive zero-voltage
switching (ZV, adaptive run frequency for zero-volt-
age switching), internal crest factor and non-zero
voltage switching (ZVS) protection, as well as an in-
tegrated bootstrap diode. The heart of this IC is a
voltage controlled oscillator (VCO) with externally
programmable minimum frequency and a 0-5VDC
analog voltage input. One of the biggest advantages
of the IR2520 is that it uses the VS pin and the RDSon
of the low-side half-bridge MOSFET for over-current
protection and to detect non-ZVS conditions. An
internal 600V FET connects the VS pin to the VS sens-
ing circuitry and allows for the VS pin to be accu-
rately measured during the time when pin LO is
high, while withstanding the high DC bus voltage
during the other portion of the switching cycle when
the high-side FET is turned on and VS is at the DC
bus potential. This eliminates the need for a high-
precision current sensing resistor that is typically
used to detect over current. Please refer to the
IR2520D datasheet for further information on the
IR2520D including electrical parameters, state
diagram and complete functional description.
As a result of the IR2520 features, the MINIBALLAST1
circuit using the IR2520D is a complete matchbox
solution that offers better reliability and longer lamp
life than self oscillating solutions while reducing
component count and ballast size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com