Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLMB1E Datasheet(PDF) 1 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 1 Page - International Rectifier

  IRPLMB1E Datasheet HTML 1Page - International Rectifier IRPLMB1E Datasheet HTML 2Page - International Rectifier IRPLMB1E Datasheet HTML 3Page - International Rectifier IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Topics Covered
Overview
Features
Electrical Characteristics
IR2520D Ballast Control IC
Circuit Description
Miniballast Circuit Diagram
Functional Description
Fault Conditions
Miniballast Layout
Design Tip: AUto-restart Option
Design Procedure to adapt the
design to different lamp types
1. Overview
Small sizes ballasts (often called Matchbox ballasts) are becoming very common in Europe to drive a wide
range of lamps with power between 18W and 26W like PLC 18W, PLT 18W, TC-L 18W, TC-L 24W, TC-F 18W,
TC-F 24W, TC-DEL/TEL 26W, T5 24W, T8 18W, T5C 22W and TR 22W. Limiting the maximum power to 25W
the design does not need to conform to THD and PF requirements and this allows saving the PFC stage
reducing the components count and maintaining a very small size.
The MINIBALLAST1 is an electronic ballast for driving 26W compact fluorescent lamps from 220VAC. The
circuit provides all of the necessary functions for preheat, ignition and on-state operation of the lamp and
also includes the EMI filter and the rectification stage. The ballast size is 36mmx55mm.
The circuit is built around the IR2520D Ballast Control IC. The IR2520D provides adjustable preheat time,
adjustable run frequency to set the lamp power, high starting frequency for soft start and to avoid lamp flash,
fault protection for open filament condition and failure to strike, low AC line protection and auto-restart after
line brownout conditions. The IR2520D is a low-cost solution with only 8 pins and allows the component
count for the complete solution to be reduced down to 19 components.
www.irf.com
1
IRPLMB1E - 25W 230VAC small size ballast using IR2520D
By
Cecilia Contenti
IRPLMB1E
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA


Similar Part No. - IRPLMB1E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM1 IRF-IRPLDIM1 Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
More results

Similar Description - IRPLMB1E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N4Q001 IDT-IDT8N4Q001 Datasheet
200Kb / 20P
Quad-Frequency Programmable XO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
Quad-Frequency Programmable VCXO
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
Programmable frequency
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
Programmable frequency
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
Converter with Programmable Frequency
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
Programmable Switching Frequency
Rev 0; 1/14
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
Quad-Frequency Programmable VCXO
MARCH 11, 2014
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
LVPECL Frequency-Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com