Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLMB1E Datasheet(PDF) 3 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 3 Page - International Rectifier

  IRPLMB1E Datasheet HTML 1Page - International Rectifier IRPLMB1E Datasheet HTML 2Page - International Rectifier IRPLMB1E Datasheet HTML 3Page - International Rectifier IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.irf.com
3
IRPLMB1E
5. Circuit Description
The schematic for MINIBALLAST1 is shown in figure
5.1. The BOM with the components values is shown
in table 5.2.
The ballast incorporates a fuse, EMI filter, input recti-
fier, bus capacitor, half-bridge, control and output
stage. The output stage is the classical resonant
circuit consisting of an inductor, LRES, and a capaci-
tor, CRES. The circuit is built around the IR2520D
Ballast Control IC. The IR2520 provides adjustable
preheat time, adjustable run frequency to set the lamp
power, high starting frequency (about 2.5 times fmin)
to avoid lamp flash, capacitive mode protection for
open filament condition and current crest factor
protection for failure to strike or no lamp conditions.
The AC line input voltage is rectified to provide a bus
voltage of approximately 300 volts. The start up
resistor, Rsupply (in the reference design we have 2
resistors, Rsupply and Rsupply 2 in series), is sized
such that they can supply the micro-power current
during under-voltage lockout (UVLO). When VCC
exceeds the UVLO+ threshold, the IR2520 begins to
oscillate and the charge pump circuit (CSNUB, DCP1
and DCP2) supplies the current to VCC that causes
the internal 15.6V zener clamp to regulate.
The IR2520 Ballast Control IC controls the frequency
of the half-bridge programming the right parameters
on the lamp to provide lamp preheat, lamp ignition,
running mode, low AC line protection and lamp/
ballast fault protection.
1
2
3
4
VCC
COM
VCO
LO
VS
HO
VB
8
7
6
5
FMIN
MHS
CBS
CVCC
RFMIN
F1
CBUS
RSUPPLY
DCP2
DCP1
LRES
CRES
CSNUB
CVCO
BR1
LF
CF
MLS
CDC
LAMP
Fig. 5.1) MINIBALLAST1 Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com