Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLMB1E Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 4 Page - International Rectifier

  IRPLMB1E Datasheet HTML 1Page - International Rectifier IRPLMB1E Datasheet HTML 2Page - International Rectifier IRPLMB1E Datasheet HTML 3Page - International Rectifier IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.irf.com
IRPLMB1E
Item #
Qty
Manufacturer
Part Number
Description
Reference
1
1
International
Rectifier
DF10S
Bridge Rectifier, 1A 1000V
BR1
2
1
Dale
CW-1/2
Resistor, 0.5Ohm, 1/.2W
F1
Panasonic
ECQ-U2A104ML
3
1
Digikey
P10730-ND
Capacitor, 0.1uF 275 VAC
CF
Epcos
B82145-A1105-J
EMI Inductor, 1mH 370mA
4
1
Digikey
M5830-ND
RF Chockes 1mH 200mA
LF
5
1
Wima
MKS2 Series
Capacitor, 47nF 400V
CDC
6
1
Panasonic
EEU-EB2V100
Capacitor, 10uF 350VDC 105C
CBUS
7
1
Panasonic
ECJ-3VB1H104K
Capacitor, 0.1uF 50V 1206
CBS
8
1
Panasonic
ECJ-3VF1E474Z
Capacitor, 0.47uF 25V 1206
CVCO
9
1
Panasonic
ECY-3YB1E105K
Capacitor, 1uF 25V 1206
CVCC
10
1
AVX
1812AA681J
Capacitor, 680pF 1KV SMT 1812
CSNUB
11
1
Wima
MKP4 Series
Capacitor, 4.7nF 1KV Polypropylene
CRES
12
1
International
Rectifier
IR2520D
IC, Ballast Driver
IC BALLAST
13
1
VOGT
5752602600
Inductor, 2.25mH, 5%, 1Apk
LRES
14
2
International
Rectifier
IRFU320
Transistor, MOSFET
MHS, MLS
15
2
Panasonic
Resistor, 1M, 1206, 100V
RSUPPLY1, RSUPPLY2
16
1
Panasonic
ERJ-8ENF6812V
Resistor, 68.1K, 1%, 1206
RFMIN
17
2
Diodes
LL4148DICT-ND
Diode, 1N4148 SMT DL35
DCP1, DCP2
18
1
WAGO
235-202
Connector, 2 terminal
X1
19
1
WAGO
235-204
Connector, 4 terminal
X2
Total
22
TABLE 5.2) MINIBALLAST1 Bill Of Materials.
Lamp type: Spiral CFL 26W, Line Input Voltage: 190-240 VAC. Note: Different lamp types may require BOM
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com