Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLMB1E Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLMB1E
Description  Programmable run frequency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLMB1E Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLMB1E Datasheet HTML 3Page - International Rectifier IRPLMB1E Datasheet HTML 4Page - International Rectifier IRPLMB1E Datasheet HTML 5Page - International Rectifier IRPLMB1E Datasheet HTML 6Page - International Rectifier IRPLMB1E Datasheet HTML 7Page - International Rectifier IRPLMB1E Datasheet HTML 8Page - International Rectifier IRPLMB1E Datasheet HTML 9Page - International Rectifier IRPLMB1E Datasheet HTML 10Page - International Rectifier IRPLMB1E Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.irf.com
7
IRPLMB1E
fmin (VCO > 4.6V), the non-ZVS and crest-factor pro-
tection will be activated and the frequency will in-
crease again to try and maintain ZVS. The frequency
will sweep back through resonance (from the ca-
pacitive side) and the crest-factor protection will shut-
down the IC on the first event when the inductor satu-
rates to a level where the crest factor exceeds 3 (see
Fig. 7.1).
Fig. 7.2 shows pin LO, pin VS and the current in the
resonant inductor during shutdown, with a shorter
time scale. The final shortened pulse of LO just be-
fore shutdown (Fig. 7.2) occurs due to the internal
1us blank time of the crest-factor detection during
each turn-on rising edge of LO (to provide immunity
to noise and transients).
Fig. 7.1:
4 is the current in the resonant inductor, 2 is the lamp
voltage, 3 is the voltage in pin VCO
Fig. 7.2:
4 is the current in the resonant inductor, 2 is pin VS (HB
Voltage), 3 is pin LO
7.2. Open Filaments Protection
The open filament protection relies on the non-ZVS
circuit of the IR2520D, enabled when pin VCO
reaches 4.6V. Should an open filament lamp fault
occur, hard-switching will occur at the half-bridge and
the non-ZVS circuit inside the IR2520 will detect this
condition, increase the frequency each cycle and shut
down when VCO decreases below 1V; both gate
driver outputs will be latched ‘low’. This will prevent
hard-switching and damaging of the half-bridge
MOSFETs.
Fig. 7.3 shows the pin VCO and pin VS at the shut-
down with open filament. As you can see, at startup
pin VCO charges from 0V up to 4.6V, at 4.6V the
non-ZVS circuit is enabled, CVCO discharges and
the frequency increases. When the voltage on pin
VCO decreases below 1V we have latched shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com