Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9366 Datasheet(PDF) 4 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 4 Page - SiTime Corp.

  SIT9366 Datasheet HTML 1Page - SiTime Corp. SIT9366 Datasheet HTML 2Page - SiTime Corp. SIT9366 Datasheet HTML 3Page - SiTime Corp. SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SiT9366 1 to 220 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 4 of 12
www.sitime.com
Table 6. Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part.
Actual performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
VDD
-0.5
4.0
V
VIH
VDD + 0.3V
V
VIL
-0.3
V
Storage Temperature
-65
150
ºC
Maximum Junction Temperature
130
ºC
Soldering Temperature (follow standard Pb-free soldering guidelines)
260
ºC
Table 7. Thermal Considerations
[6]
Package
θJA, 4 Layer Board (°C/W)
θJC, Bottom (°C/W)
3225, 6-pin
80
30
7050, 6-pin
52
19
Notes:
6. Refer to JESD51 for θJA and θJC definitions, and reference layout used to determine the θJA and θJC values in the above table.
Table 8. Maximum Operating Junction Temperature
[7]
Max Operating Temperature (ambient)
Maximum Operating Junction Temperature
70°C
95°C
85°C
110°C
Notes:
7. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature.
Table 9. Environmental Compliance
Parameter
Test Conditions
Value
Unit
Mechanical Shock Resistance
MIL-STD-883F, Method 2002
10,000
g
Mechanical Vibration Resistance
MIL-STD-883F, Method 2007
70
g
Soldering Temperature (follow standard Pb free soldering guidelines)
MIL-STD-883F, Method 2003
260
°C
Moisture Sensitivity Level
MSL1 @ 260°C
Electrostatic Discharge (HBM)
HBM, JESD22-A114
2,000
V
Charge-Device Model ESD Protection
JESD220C101
750
V
Latch-up Tolerance
JESD78 Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com