Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9366 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT9366 Datasheet HTML 1Page - SiTime Corp. SIT9366 Datasheet HTML 2Page - SiTime Corp. SIT9366 Datasheet HTML 3Page - SiTime Corp. SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiT9366 1 to 220 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 2 of 12
www.sitime.com
Table 2. Electrical Characteristics – LVPECL
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current Consumption
Current Consumption
Idd
–
–
89
mA
Excluding Load Termination Current, Vdd = 3.3V or 2.5V
OE Disable Supply Current
I_OE
–
–
58
mA
OE = Low
Output Disable Leakage Current
I_leak
–
0.15
–
µ
A
OE = Low
Maximum Output Current
I_driver
–
–
32
mA
Maximum average current drawn from OUT+ or OUT-
Output Characteristics
Output High Voltage
VOH
Vdd-1.1
–
Vdd-0.7
V
See Figure 2
Output Low Voltage
VOL
Vdd-1.9
–
Vdd-1.5
V
See Figure 2
Output Differential Voltage Swing
V_Swing
1.2
1.6
2.0
V
See Figure 3
Rise/Fall Time
Tr, Tf
–
225
290
ps
20% to 80%, see Figure 2
Jitter
RMS Phase Jitter (random)
T_phj
–
0.220
0.270
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Vdds,
Includes spurs. 7.0 x 5.0 mm package.
–
0.225
0.280
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Vdds,
Includes spurs. 3.2 x 2.5 mm package.
–
0.1
–
ps
f = 156.25, IEEE802.3-2005 10GbE jitter mask integration bandwidth =
1.875 MHz to 20 MHz, Includes spurs, all Vdds
RMS Period Jitter
[1]
T_jitt
–
1.0
1.6
ps
f = 100, 156.25 or 212.5 MHz, VDD = 3.3V or 2.5V
Notes:
1. Measured according to JESD65B
Table 3. Electrical Characteristics – LVDS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current Consumption
Current Consumption
Idd
–
–
79
mA
Excluding Load Termination Current, Vdd = 3.3V or 2.5V
OE Disable Supply Current
I_OE
–
–
58
mA
OE = Low
Output Disable Leakage Current
I_leak
–
0.15
–
µ
A
OE = Low
Output Characteristics
Differential Output Voltage
VOD
250
–
450
mV
See Figure 4
VOD Magnitude Change
∆VOD
–
–
50
mV
See Figure 4
Offset Voltage
VOS
1.125
–
1.375
V
See Figure 4
VOS Magnitude Change
∆VOS
–
–
50
mV
See Figure 4
Rise/Fall Time
Tr, Tf
–
400
470
ps
Measured with 2 pF capacitive loading to GND, 20% to 80%,
see Figure 4
Jitter
RMS Phase Jitter (random)
T_phj
–
0.215
0.265
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Vdds.
Includes spurs. 7.0 x 5.0 mm package.
–
0.235
0.275
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Vdds,
Includes spurs. 3.2 x 2.5 package.
–
0.1
–
ps
f = 156.25, IEEE802.3-2005 10GbE jitter mask integration bandwidth
= 1.875 MHz to 20 MHz, Includes spurs, all Vdds
RMS Period Jitter
[2]
T_jitt
–
1.0
1.6
ps
f = 100, 156.25 or 212.5 MHz, VDD = 3.3V or 2.5V
Notes:
2. Measured according to JESD65B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com