Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9366 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT9366 Datasheet HTML 1Page - SiTime Corp. SIT9366 Datasheet HTML 2Page - SiTime Corp. SIT9366 Datasheet HTML 3Page - SiTime Corp. SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SiT9366 1 to 220 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 3 of 12
www.sitime.com
Table 4. Electrical Characteristics – HCSL
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current Consumption
Current Consumption
Idd
–
–
89
mA
Excluding Load Termination Current, Vdd = 3.3V or 2.5V
OE Disable Supply Current
I_OE
–
–
58
mA
OE = Low
Output Disable Leakage Current
I_leak
–
0.15
–
µ
A
OE = Low
Maximum Output Current
I_driver
–
–
36
mA
Maximum average current drawn from OUT+ or OUT-
Output Characteristics
Output High Voltage
VOH
0.60
–
0.90
V
See Figure 2
Output Low Voltage
VOL
-0.05
–
0.08
V
See Figure 2
Output Differential Voltage Swing
V_Swing
1.2
1.4
1.8
V
See Figure 3
Rise/Fall Time
Tr, Tf
–
360
465
ps
Measured with 2 pF capacitive loading to GND, 20% to 80%,
see Figure 2
Jitter
RMS Phase Jitter (random)
T_phj
–
0.220
0.270
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Includes
spurs. Vdds, 7.0 x 5.0 mm package.
–
0.230
0.275
ps
f = 156.25 MHz, Integration bandwidth = 12 kHz to 20 MHz, all Includes
spurs. Vdds, 7.0 x 5.0 mm package. 3.2 x 2.5 package = 0.275 ps.
–
0.1
–
ps
f = 156.25, IEEE802.3-2005 10GbE jitter mask integration bandwidth =
1.875 MHz to 20 MHz, Includes spurs, all Vdds
RMS Period Jitter
[3]
T_jitt
–
1.0
1.6
ps
f = 100, 156.25 or 212.5 MHz, VDD = 3.3V or 2.5V
Notes:
3. Measured according to JESD65B
Table 5. Pin Description
Pin
Map
Functionality
1
OE/NC
Output Enable
(OE)
H
[4]
: specified frequency output
L: output is high impedance
Non Connect
(NC)
H or L or Open: No effect on output frequency or other device
functions
2
NC
NA
No Connect; Leave it floating or connect to GND for better heat
dissipation
3
GND
Power
VDD Power Supply Ground
4
OUT+
Output
Oscillator output
5
OUT-
Output
Complementary oscillator output
6
VDD
Power
Power supply voltage
[5]
Notes:
4. In OE mode, a pull-up resistor of 10 kΩ or less is recommended if pin 1 is not externally driven.
5. A capacitor of value 0.1 µF or higher between Vdd and GND is required. An additional 10 µF capacitor
between Vdd and GND is required for the best phase jitter performance
Top View
Figure 1. Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com