Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9366 Datasheet(PDF) 10 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 10 Page - SiTime Corp.

Back Button SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. SIT9366 Datasheet HTML 10Page - SiTime Corp. SIT9366 Datasheet HTML 11Page - SiTime Corp. SIT9366 Datasheet HTML 12Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SiT9366 1 to 220 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 10 of 12
www.sitime.com
Dimensions and Patterns
Package Size – Dimensions (Unit: mm)
[8]
Recommended Land Pattern (Unit: mm)
[9]
3.2 x 2.5 x 0.75 mm
3.2 x 2.5 x 0.75 mm
7.0 x 5.0 x 0.90 mm
[10]
7.0 x 5.0 x 0.90 mm
[10]
Notes:
8. Top Marking: Y denotes manufacturing origin and XXXX denotes manufacturing lot number. The value of “Y” will depend on the assembly location of the
device.
9. A capacitor of value 0.1 µF or higher between Vdd and GND is required. An additional 10 µF capacitor between Vdd and GND is required for the best
phase jitter performance
10. The center pad has no electrical function. Soldering down the center pad to the GND is recommended for best thermal dissipation, but is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com