Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT9366 Datasheet(PDF) 6 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 6 Page - SiTime Corp.

Back Button SIT9366 Datasheet HTML 2Page - SiTime Corp. SIT9366 Datasheet HTML 3Page - SiTime Corp. SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. SIT9366 Datasheet HTML 10Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SiT9366 1 to 220 MHz Ultra-low Jitter Differential Oscillator
Rev 1.0
Page 6 of 12
www.sitime.com
Termination Diagrams
LVPECL:
Figure 5: LVPECL with AC-coupled termination
VDD
R1
R2
R1
R2
OUT+
OUT-
OUT+
OUT-
VDD
R1
82.5 Ω
127 Ω
62.5 Ω
250 Ω
3.3 V
2.5 V
R2
Zo = 50Ω
Zo = 50Ω
Thevenin-equivalent
Termination network
D-
D+
D-
D+
LVPECL
Figure 6: LVPECL DC-coupled load termination with Thevenin equivalent network
R1
R2
OUT+
OUT-
OUT+
OUT-
VDD
R1
50 Ω
50 Ω
50 Ω
50 Ω
3.3 V
2.5 V
R2
R3
50 Ω
18 Ω
Zo = 50Ω
Zo = 50Ω
R3
C1
0.1µF
Y-Bias Termination
network
D-
D+
D-
D+
LVPECL
Figure 7: LVPECL with Y-Bias termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com