Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2276GD
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2276GD Datasheet HTML 11Page - Monolithic Power Systems MP2276GD Datasheet HTML 12Page - Monolithic Power Systems MP2276GD Datasheet HTML 13Page - Monolithic Power Systems MP2276GD Datasheet HTML 14Page - Monolithic Power Systems MP2276GD Datasheet HTML 15Page - Monolithic Power Systems MP2276GD Datasheet HTML 16Page - Monolithic Power Systems MP2276GD Datasheet HTML 17Page - Monolithic Power Systems MP2276GD Datasheet HTML 18Page - Monolithic Power Systems MP2276GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
15
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 4 shows pulse-skip mode operation at
light-load condition. When FB drops below the
superimposed COMP, the HS-FET turns on for
a fixed interval. When the HS-FET turns off, the
LS-FET turns on until the inductor current
reaches zero. In pulse-skip mode operation, FB
does not reach the superimposed COMP when
the inductor current approaches zero. The LS-
FET driver turns into tri-state (Hi-Z) when the
inductor current reaches zero. Therefore, the
output capacitors discharge slowly to PGND
through the FB resistors (R1 and R2). At light-
load condition, the HS-FET is not turned on as
frequently in pulse-skip mode as it is in forced
CCM. As a result, the efficiency in pulse-skip
mode is improved greatly compared to that in
forced CCM operation.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 4: Pulse Skip in Light Load
As the output current increases from the light-
load condition, the time period the current
modulator regulates in becomes shorter. The
HS-FET is turned on more frequently, and the
switching frequency increases accordingly. The
output current reaches the critical level when
the current modulator time is zero. The critical
level of the output current is determined with
Equation (1):
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
(1)
Where FSW is the switching frequency.
The MP2276 enters PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MP2276 can be configured to operate in
forced CCM even in light-load condition (see
Table 1).
FREQ/MODE Selection
The
MP2276
provides
both
forced
CCM
operation and pulse-skip operation in light-load
condition. The MP2276 has three options for
switching
frequency
selection:
600kHz,
1100kHz, and 2000kHz. Select the operation
mode
under
light-load
condition
and
the
switching frequency by choosing the resistance
value of the resistor connected between MODE
and AGND or VCC (see Table 1).
Table 1: FREQ/MODE Selection
MODE
Light-Load
Mode
Switching
Frequency
AGND
Forced CCM
1100kHz
30.1kΩ (±20%)
to AGND
Forced CCM
2000kHz
60.4kΩ (±20%)
to AGND
Forced CCM
600kHz
121kΩ (±20%)
to AGND
Pulse Skip
600kHz
243kΩ (±20%)
to AGND
Pulse Skip
2000kHz
VCC
Pulse Skip
1100kHz
Soft Start (SS)
The minimum soft-start time is limited to 1.7ms.
This
can
be
increased
by
choosing
the
capacitor between SS/TRK and AGND. A
minimum value of 3.3nF for this capacitor is
always required to stabilize the reference
voltage.
The capacitance of this capacitor can be
determined with Equation (2) and Equation (3):
22
3
.
3
)
(
nF
C
SS
(tSS = 1.7ms) (2)
V
A
x
ms
t
nF
C
ss
SS
8
.
0
10
)
(
)
(
(tSS > 1.7ms) (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com