Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2276GD
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2276GD Datasheet HTML 1Page - Monolithic Power Systems MP2276GD Datasheet HTML 2Page - Monolithic Power Systems MP2276GD Datasheet HTML 3Page - Monolithic Power Systems MP2276GD Datasheet HTML 4Page - Monolithic Power Systems MP2276GD Datasheet HTML 5Page - Monolithic Power Systems MP2276GD Datasheet HTML 6Page - Monolithic Power Systems MP2276GD Datasheet HTML 7Page - Monolithic Power Systems MP2276GD Datasheet HTML 8Page - Monolithic Power Systems MP2276GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
4
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (4), typical value is tested at TJ = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VIN Supply Current
Supply current (shutdown)
IIN
VEN = 0V
0
1
μA
Supply current (quiescent)
IIN
VEN = 2V, VFB = 0.82V
600
μA
MOSFETs
HS switch on resistance
HSRDS-ON
VBST-SW = 3.3V
24
mΩ
LS switch on resistance
LSRDS-ON
VCC = 3V
10
mΩ
Current Limit
Current limit threshold
VLIM
1.2
V
IILIM to IOUT ratio
IILIM/IOUT
IOUT
≥ 2A
36
40
44
μA/A
Low-side negative current limit
ILIM_NEG_10
-4
A
Negative current limit timeout (5)
tNCL_Timer
80
ns
Timer
Switching frequency
fSW
FREQ/MODE = AGND
900
1100
1300
kHz
FREQ/MODE =
60.4kΩ to
AGND
530
600
790
kHz
Minimum on time (5)
TON_MIN
50
ns
Minimum off time (5)
TOFF_MIN
180
ns
Over-Voltage (OVP) and Under-Voltage Protection (UVP)
OVP threshold
VOVP
111%
116%
121%
VREF
UVP threshold
VUVP
75%
80%
85%
VREF
Soft Start (SS)
Soft-start time
tSS
CSS = 3.3nF, VOUT from
10% to 90%
1.7
ms
Error Amplifier (EA)
Feedback voltage
VFB
TA = 25°C
792
800
808
mV
Enable (EN)
Enable input rising threshold
VIHEN
1.15
1.21
1.27
V
Enable hysteresis
VEN-HYS
220
mV
Enable input current
IEN
VEN = 2V
0
μA
Soft shutdown discharge FET
RON_DISCH
80
Ω
VCC Regulator
VCC under-voltage lockout
threshold rising
VCCVth
2.65
2.8
2.95
V
VCC under-voltage lockout
threshold hysteresis
VCCHYS
280
mV
VCC output voltage
VCC
3.00
V
VCC load regulation
ICC = 5mA
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com