Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2276GD
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2276GD Datasheet HTML 10Page - Monolithic Power Systems MP2276GD Datasheet HTML 11Page - Monolithic Power Systems MP2276GD Datasheet HTML 12Page - Monolithic Power Systems MP2276GD Datasheet HTML 13Page - Monolithic Power Systems MP2276GD Datasheet HTML 14Page - Monolithic Power Systems MP2276GD Datasheet HTML 15Page - Monolithic Power Systems MP2276GD Datasheet HTML 16Page - Monolithic Power Systems MP2276GD Datasheet HTML 17Page - Monolithic Power Systems MP2276GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
14
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
Constant-On-Time (COT) Control
The MP2276 employs constant-on-time (COT)
control to achieve a fast load transient response.
Figure 2 shows details of the control stage of
the MP2276.
The operational amplifier (AMP) corrects any
error voltage between FB and VREF. The
MP2276 can use AMP to provide excellent load
regulation over the entire load range, whether it
is operating in forced continuous conduction
mode (CCM) or pulse-skip mode.
The MP2276 has internal RAMP compensation
to support low ESR MLCC output capacitor
solutions.
The adaptive
internal RAMP
is
optimized so that the MP2276 is stable in the
entire operating input/output voltage range with
a proper design of the output L/C filter.
Adaptive
RAMP
ON
Timer
PWM
COMP +
VREF
FB
PWM
Comparator
AGND
AMP
Vsens+
Vsens-
Σ
+
L
COUT
VIN
PGND
SW
HSFET
LSFET
Figure 2: COT Control
Pulse-Width Modulation (PWM) Operation
Figure 3 shows how the pulse-width modulation
(PWM) signal is generated. AMP corrects any
error between FB and REF and generates a
fairly smooth DC voltage (COMP). The internal
RAMP is superimposed onto COMP. The
superimposed COMP is compared with the FB
signal.
Whenever
FB
drops
below
the
superimposed COMP, the integrated high-side
MOSFET (HS-FET) turns on and remains on for
a fixed turn-on time. The fixed on time is
determined by the input voltage, output voltage,
and selected switching frequency. After the on
period elapses, the HS-FET turns off. The HS-
FET turns on again when FB drops below the
superimposed
COMP.
By
repeating
this
operation, the MP2276 regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) turns on when the HS-FET is in its off
state to minimize conduction loss.
A dead short occurs between VIN and PGND if
both the HS-FET and the LS-FET are turned on
at the same time. This is called shoot-through.
To avoid shoot-through, a dead time (DT) is
generated internally between the HS-FET off
and the LS-FET on period or the LS-FET off
and the HS-FET on period.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 3: Heavy-Load Operation (PWM)
Continuous
Conduction
Mode
(CCM)
Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure
3). The MP2276 can also be configured to
operate in forced CCM operation when the
output current is low. See the FREQ/MODE
Selection section on page 15 for details.
In CCM operation, the switching frequency is
fairly constant (PWM mode), so the output
ripple remains almost constant throughout the
entire load range.
Pulse-Skip Operation
At light-load condition, the MP2276 can be
configured to work in pulse-skip mode to
optimize efficiency. When the load decreases,
the inductor current decreases as well. Once
the inductor current reaches zero, the MP2276
transitions from CCM to pulse-skip mode if the
MP2276
is
configured
so.
See
the
FREQ/MODE Selection section on page 15 for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com