Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2276GD
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2276GD Datasheet HTML 14Page - Monolithic Power Systems MP2276GD Datasheet HTML 15Page - Monolithic Power Systems MP2276GD Datasheet HTML 16Page - Monolithic Power Systems MP2276GD Datasheet HTML 17Page - Monolithic Power Systems MP2276GD Datasheet HTML 18Page - Monolithic Power Systems MP2276GD Datasheet HTML 19Page - Monolithic Power Systems MP2276GD Datasheet HTML 20Page - Monolithic Power Systems MP2276GD Datasheet HTML 21Page - Monolithic Power Systems MP2276GD Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
18
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
Choose a proper value for R1 in the range of
1kΩ to 100kΩ. Then determine R2 with
Equation (6):
REF
21
O
REF
V
R (k )
R (k )
VV
 
(6)
To optimize the load transient response, a feed-
forward capacitor (CFF) is needed in parallel
with R1. R1 and CFF form an extra zero to the
system, which helps improve loop responses.
R1 and CFF are chosen so that the zero is
located around 20kHz - 60kHz.
Table 2 lists the recommended resistor values
for common output voltages.
Table 2: Resistor Selection for Common Output
Voltages (6)
VOUT(V)
R1(kΩ)
R2(kΩ)
1
2
8.06
1.2
2
4.02
1.8
10
8.06
2.5
10
4.7
3.3
10
3.16
5
10
1.91
NOTE:
6)
For additional component parameters, please refer to the
Typical Application Circuits on page 21 to page 22.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use ceramic capacitors for the best
performance. During layout, place the input
capacitors as close to VIN as possible.
The capacitance can vary significantly with the
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over a wide temperature
range.
The capacitors must also have a ripple current
rating that exceeds the
converter’s maximum
input ripple current. Estimate the input ripple
current with Equation (7):
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
(7)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (8):
2
I
I
OUT
CIN
(8)
For simplification, choose an input capacitor
with an RMS current rating that exceeds half
the maximum load current.
The input capacitance value determines the
converter
input
voltage
ripple.
Select
a
capacitor value that meets any input voltage
ripple requirement.
Estimate the input voltage ripple with Equation
(9):
)
V
V
1
(
V
V
C
F
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
(9)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (10):
IN
SW
OUT
IN
C
F
I
4
1
V
(10)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic capacitors or POSCAPs.
Estimate the output voltage ripple with Equation
(11):
)
8
1
(
)
1
(
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
C
F
R
V
V
L
F
V
V
(11)
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency. The capacitance also
dominates
the
output
voltage
ripple.
For
simplification, estimate the output voltage ripple
with Equation (12):
)
V
V
1
(
C
L
F
8
V
V
IN
OUT
OUT
2
SW
OUT
OUT
(12)
For
POSCAPs,
the
ESR
dominates
the
switching
frequency
impedance.
For
simplification,
the
output
ripple
can
be
approximated with Equation (13):
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
1
(
L
F
V
V
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com