Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2276GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2276GD
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2276GD Datasheet HTML 1Page - Monolithic Power Systems MP2276GD Datasheet HTML 2Page - Monolithic Power Systems MP2276GD Datasheet HTML 3Page - Monolithic Power Systems MP2276GD Datasheet HTML 4Page - Monolithic Power Systems MP2276GD Datasheet HTML 5Page - Monolithic Power Systems MP2276GD Datasheet HTML 6Page - Monolithic Power Systems MP2276GD Datasheet HTML 7Page - Monolithic Power Systems MP2276GD Datasheet HTML 8Page - Monolithic Power Systems MP2276GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP2276
8A, 4-16V Input, High-Efficiency Synchronous
Step-Down Converter with Programmable Current
Limit and Soft Start Time Selectable Frequency
and Mode of Operation
MP2276 Rev.1.0
www.MonolithicPower.com
1
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The
MP2276
is
a
fully
integrated,
high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution that achieves up to 8A of continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP2276 operates at high efficiency over a wide
output current load range.
The MP2276 uses constant-on-time (COT)
control for fast transient response and eased
loop stabilization.
Output voltage start-up is controlled by an
internal 1.7ms timer, which can be increased by
adding a capacitor on SS/TRK. An open-drain
power good (PG) signal indicates when the
output is within its nominal voltage range.
Full protection features include over-current
protection
(OCP),
over-voltage
protection
(OVP), under-voltage protection (UVP), and
over-temperature protection (OTP).
The MP2276 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-14
(2mmx3mm) package.
FEATURES
 Wide 4V to 16V Input Voltage Range
 8A Continuous Output Current
 24mΩ/10mΩ Low R
DS(ON) Integrated Power
MOSFETs
 Adaptive Constant-On-Time (COT) for
Ultrafast Transient Response
 Stable with Zero ESR Output Capacitor
 Programmable Current Limit
 Selectable Forced CCM or Pulse-Skip
Operation at Light Load
 Excellent Load Regulation
 Programmable Soft-Start Time from 1.7ms
 Pre-Bias Start-Up
 Selectable 600kHz, 1100kHz, or 2000kHz
Switching Frequency
 Hiccup Over-Current Protection (OCP)
 Auto-Retry Over-Voltage Protection (OVP)
and Thermal Shutdown
 Output Adjustable from 0.8V
 Available in a QFN-14 (2mmx3mm)
Package
APPLICATIONS
 Digital Set-Top Boxes
 Flat-Panel TV and Monitors
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN
FB
BST
VIN
PG
SW
Vin
MP2276
Vout
VCC
PGND
ILIM
AGND
C1
C3
C4
1µF
L1
1µH
R1
2kΩ
R2
8.06kΩ
C2
C6
1.5nF
EN
PG
R3
SS/TRK
FREQ/MODE
22µF
47µFx2
3.6kΩ
1V
C5
1µF
RMODE 121kΩ
15nF
Efficiency vs. Output Current
VOUT = 1V, L = 1µH (DCR =
4.6mΩ)
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00
Output Current(A)
Vin=5V
Vin=12V
Vin=16V


Similar Part No. - MP2276GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2276GD MPS-MP2276GD Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP2276GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MPQ8633B MPS-MPQ8633B Datasheet
1Mb / 21P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
EV2276-D-00A MPS-EV2276-D-00A Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8634A MPS-MPQ8634A Datasheet
1Mb / 20P
16V, 12A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8634B MPS-MPQ8634B Datasheet
1Mb / 20P
16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com