Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4569 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4569 Datasheet HTML 1Page - Monolithic Power Systems MP4569 Datasheet HTML 2Page - Monolithic Power Systems MP4569 Datasheet HTML 3Page - Monolithic Power Systems MP4569 Datasheet HTML 4Page - Monolithic Power Systems MP4569 Datasheet HTML 5Page - Monolithic Power Systems MP4569 Datasheet HTML 6Page - Monolithic Power Systems MP4569 Datasheet HTML 7Page - Monolithic Power Systems MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP4569―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4569 Rev. 1.0
www.MonolithicPower.com
4
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, VEN = 2V, TJ = 25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Quiescent Current
No load, VFB=1.2V
20
25
μA
Shutdown Supply Current
VEN < 0.3V
2.2
3.5
μA
VIN UVLO Rising Threshold
3.9
4.2
4.4
V
VIN UVLO Falling Threshold
3.45
3.75
3.95
V
VIN UVLO Hysteresis
0.45
V
Feedback Voltage
VIN=4V to 75V, -40°C<TJ<125°C
0.98
1
1.02
V
VIN=4V to 75V, TJ =25 °C
0.99
1
1.01
V
Feedback Current
VFB=1.2V
-50
2
50
nA
VREF Pin Voltage
(5)
VIN=4V to 75V, IREF=100μA
0.965
1
1.035
V
Upper Switch On Resistance
VBST-VSW=5V,
0.9
1.2
1.5
Ω
Lower Switch On Resistance
VBIAS=5V,
0.275
0.45
0.625
Ω
Lower Switch Leakage
VEN = 0V, VSW = 75V
1
μA
Peak Current Limit
670
730
790
mA
Minimum Switch On Time
(6)
120
ns
Enable Rising Threshold
1.4
1.55
1.7
V
Enable Falling Threshold
1.152
1.2
1.248
V
Enable Threshold Hysteresis
0.35
V
Enable Current
VEN=2.4V
0.8
μA
Soft Start Current
4
5.5
7
μA
POK Upper Trip Threshold
(5)
FB respect to the nominal value
86
90
94
%
POK Lower Trip Threshold
(5)
FB respect to the nominal value
81
85
89
%
POK Threshold Hysteresis
(5)
FB respect to the nominal value
5
%
POK Deglitch Timer
(5)
40
μs
POK Output Voltage Low
(5)
ISINK = 1mA
0.4
V
FB OVP Rising Threshold
1.05
1.1
V
FB OVP Hysteresis
50
mV
Thermal Shutdown
(6)
175
°C
Thermal Shutdown
Hysteresis
(6)
20
°C
Notes:
5) QFN package only.
6) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com