Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4569 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4569 Datasheet HTML 7Page - Monolithic Power Systems MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems MP4569 Datasheet HTML 10Page - Monolithic Power Systems MP4569 Datasheet HTML 11Page - Monolithic Power Systems MP4569 Datasheet HTML 12Page - Monolithic Power Systems MP4569 Datasheet HTML 13Page - Monolithic Power Systems MP4569 Datasheet HTML 14Page - Monolithic Power Systems MP4569 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP4569―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4569 Rev. 1.0
www.MonolithicPower.com
11
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Under-Voltage Lockout
VIN under voltage lockout (UVLO) protects the
chip from operating below the operational supply
voltage range. The UVLO-rising threshold is
about 4.2V while its trailing threshold is about
3.75V.
Soft-start
Reference-type soft-start prevents the converter
output voltage from overshooting during startup.
When the chip starts, the internal circuitry
generates a constant current to charge external
SS capacitor. The soft-start (SS) voltage slowly
ramps up from 0V at a slow pace set by the soft-
start time. When VSS is less than the VREF, VSS
overrides VREF so the FB comparator uses VSS
instead of VREF as the reference. When VSS is
higher than VREF, VREF resumes control.
VSS is also associated with VFB. Though VSS can
be much smaller than VFB, it can only barely
exceed VFB. If somehow VFB drops, VSS tracks
VFB. This function prevents output voltage
overshoot in short-circuit recovery -- when the
short circuit is removed, the SS ramps up as if it
is a fresh soft-start process.
Thermal Shutdown
Thermal shutdown prevents the chip from
thermally running away. When the silicon die
temperature exceeds its upper threshold, the
thermal shutdown feature shuts down the whole
chip. When the temperature falls below its lower
threshold, the chip resumes function.
Floating Driver and Bootstrap Charging
The external bootstrap capacitor powers the
floating HS_FET driver. This floating driver has
its own UVLO protection, with a rising threshold
of about 2.4V with a hysteresis of about 300mV.
During this UVLO, the SS voltage resets to zero.
When the UVLO is disabled, the regulator follows
the soft-start process.
The
dedicated
internal
bootstrap
regulator
charges and regulates the bootstrap capacitor to
about 5V. When the voltage difference between
BST and SW falls below its working parameters,
a PMOS pass transistor connected from VIN to
BST turns on to charge the bootstrap capacitor.
The current path is from VIN to BST and then to
SW. The external circuit must have enough
voltage headroom to accommodate charging.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can charge. When the
HS_FET is ON, VIN is about equal to SW so the
bootstrap capacitor cannot charge. The best
charging period occurs when the LS_FET is on
so that VIN - VSW is at its largest. When there is
no current in the inductor, VSW equals VOUT so the
difference between VIN and VOUT can charge the
bootstrap capacitor.
If the internal circuit does not have sufficient
voltage and time to charge the bootstrap
capacitor, extra external circuitry can be used to
ensure the bootstrap voltage in normal operation
region.
Startup and Shutdown
If both VIN and VEN are higher than their
appropriate thresholds, the chip starts operating.
The reference block starts first, generating stable
reference voltage and currents, and then enables
the internal regulator. The regulator provides
stable supply for the rest device.
While the internal supply rail is high, an internal
timer holds the power MOSFET off for about
50µsec to blank startup glitches. When the soft-
start block is enabled, it first holds its SS output
low and then slowly ramps up.
Three events shut down the chip: VEN low, VIN
low, and junction temperature triggers the
thermal shutdown threshold. For shutdown, the
signaling path is blocked first to avoid any fault
triggering. Internal supply rail are pulled down
then. The floating driver is not subject to this
shutdown command, but its charging path is
disabled.
Power OK (POK)
POK is an open drain power good output. “HIGH”
output indicates VOUT is higher than 90% of its
nominal value. POK is pulled down in shutdown
mode.
Reference Voltage Output (VREF)
VREF pin output 1V reference voltage. It has up
to 500uA source current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com