Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4569 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems MP4569 Datasheet HTML 10Page - Monolithic Power Systems MP4569 Datasheet HTML 11Page - Monolithic Power Systems MP4569 Datasheet HTML 12Page - Monolithic Power Systems MP4569 Datasheet HTML 13Page - Monolithic Power Systems MP4569 Datasheet HTML 14Page - Monolithic Power Systems MP4569 Datasheet HTML 15Page - Monolithic Power Systems MP4569 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP4569―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4569 Rev. 1.0
www.MonolithicPower.com
12
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Inductor
As the Ipeak is fixed, for given input voltage and
output voltage, the inductor value can be
determined by the following formula:
()
s
peak
IN
OUT
IN
OUT
f
I
V
V
-
V
V
L
×
×
×
=
Where fs is the switching frequency at the
maximal output current.
Larger inductor value results in lower switching
frequency, as well as higher efficiency. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current as well as the slow load
transient dynamic performance. There is also a
lower limit of the inductor value, which is
determined by the minimum on time. In order to
keep the inductor working under control, the
inductor value should be chosen higher than
Lmin that is derived from below formula:
peak
ON(MIN)
MAX
IN
MIN
I
t
V
L
×
=
)
(
Where VIN(MAX) is the max value of input voltage.
tON(MIN) is the 120ns minimum switch on time.
Switching Frequency
Switching frequency can be estimated by below
equation.
()
L
V
I
V
-
V
V
Io
2
f
IN
2
peak
OUT
IN
OUT
s
×
×
×
×
×
=
Larger inductor can get lower fs. And fs
increases as Io increasing. When Io increases to
its maximal value Ipeak/2, fs also reaches its
highest value and can be derived by:
(
)
L
V
I
V
-
V
V
f
IN
peak
OUT
IN
OUT
s(max)
×
×
×
=
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. As
shown in figure 3.
Figure 3 – Adjustable VOUT by divider resistors
To get the desired output voltage, divider resistor
can be chosen through below formula:
1
-
V
V
R5
R4
REF
OUT
=
Where VREF is the FB reference voltage 1V.
The current flows into divider resistor would
increase the supply current, especially at no load
and light load condition. The Vin supply current
caused by the feedback resistors can be
calculated from:
η
1
V
V
R5
R4
V
I
IN
OUT
OUT
IN_FB
×
×
+
=
Where
η is the efficiency of the regulator.
To reduce this current, resistors in the megohm
range are recommended. The recommended
value of the feedback resistors are shown in
Table 1.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R4 (kΩ)
R5 (kΩ)
3.3
1200
523
5
1200
300
Under Voltage Lock Out Point Setting
MP4569 has internal fixed under voltage lock out
(UVLO) threshold: rising threshold is about 4.2V
while trailing threshold is about 3.75V. External
resistor divider between EN and VIN as shown in
Figure 4 can be used to get higher equivalent
UVLO threshold.
Figure 4 – Adjustable UVLO using EN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com