Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4569 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4569 Datasheet HTML 1Page - Monolithic Power Systems MP4569 Datasheet HTML 2Page - Monolithic Power Systems MP4569 Datasheet HTML 3Page - Monolithic Power Systems MP4569 Datasheet HTML 4Page - Monolithic Power Systems MP4569 Datasheet HTML 5Page - Monolithic Power Systems MP4569 Datasheet HTML 6Page - Monolithic Power Systems MP4569 Datasheet HTML 7Page - Monolithic Power Systems MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP4569
75V, 0.3A Synchronous
Step-Down Converter
MP4569 Rev. 1.0
www.MonolithicPower.com
1
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4569 is a step-down switching regulator
with integrated high-side/low-side, high-voltage
power MOSFETs. It provides a highly efficient
output of up to 0.3A.
The
wide
4.5V
to
75V
input
range
accommodates
a
variety
of
step-down
applications in automotive environment. A
3.5μA shutdown mode quiescent current is
good for battery-powered applications.
It allows for high power conversion efficiency
over a wide load range by scaling down the
switching frequency under light-load condition
to reduce the switching and gate driver losses.
The switching frequency during start-up and
short circuit also can be scaled down to prevent
inductor current runaway. Thermal shutdown
provides reliable, fault-tolerant operation.
The
MP4569
is
available
in
QFN-10
(3mmx3mm) and SOIC-8 EP packages.
FEATURES
• 20μA Quiescent Current (Active mode)
• Wide 4.5V to 75V Operating Input Range
• 1.2Ω/0.45Ω Internal Power MOSFETs
• Programmable Soft-Start
• FB-Tolerance: 1% at Room Temperature;
2% at Full Temperature.
• Adjustable Output
• 1V Reference Voltage Output for QFN
Package
• Low Shutdown Mode Current: 3.5μA
• Available in QFN-10 (3mmx3mm) and
SOIC-8 EP Packages
APPLICATIONS
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4569

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DN MPS-MP4560DN Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DQ MPS-MP4560DQ Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MP4561DQ MPS-MP4561DQ Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
More results

Similar Description - MP4569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ2420-AEC1 MPS-MPQ2420-AEC1 Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MP2420 MPS-MP2420 Datasheet
728Kb / 22P
75V, 0.3A Synchronous Step-Down Converter with Watchdog
EV2420-F-00A MPS-EV2420-F-00A Datasheet
550Kb / 7P
75V/0.3A Synchronous Step-Down Converter with Watchdog Evaluation Board
EV4569-N-00A MPS-EV4569-N-00A Datasheet
515Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
EV4569-Q-00A MPS-EV4569-Q-00A Datasheet
476Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com