Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4569 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4569
Description  75V, 0.3A Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4569 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4569 Datasheet HTML 6Page - Monolithic Power Systems MP4569 Datasheet HTML 7Page - Monolithic Power Systems MP4569 Datasheet HTML 8Page - Monolithic Power Systems MP4569 Datasheet HTML 9Page - Monolithic Power Systems MP4569 Datasheet HTML 10Page - Monolithic Power Systems MP4569 Datasheet HTML 11Page - Monolithic Power Systems MP4569 Datasheet HTML 12Page - Monolithic Power Systems MP4569 Datasheet HTML 13Page - Monolithic Power Systems MP4569 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP4569―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4569 Rev. 1.0
www.MonolithicPower.com
10
9/12/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP4569 is a 75V, 0.3A, synchronous, step-
down switching regulator with integrated high-
side and low-side high-voltage power MOSFETs
(HS_FET and LS_FET, respectively). It provides
a highly-efficient, 0.3A output. It features a wide
input voltage range, external soft-start control,
and precision current limit. Its very low
operational quiescent current makes it suitable
for battery-powered applications.
Control Scheme
The ILIM comparator, FB comparator and zero
current detector (ZCD) block control the PWM. If
VFB is below the 1V reference and the inductor
current drops to zero, HS_FET turns on and the
ILIM comparator starts to sense the HS_FET
current: When the HS_FET current reaches the
limit, the HS_FET turns off and LS_FET turns on
together with the ZCD block. Meanwhile, the ILIM
comparator is turned off to reduce the quiescent
current. The LS_FET turns off together with ZCD
block after the inductor current drops to zero. If
VFB is less than the 1V reference at this time, the
HS_FET turns on at once and commences
another cycle. If VFB is still higher than 1V
reference, HS_FET would not turn on till VFB
drops below 1V.
VSW
VFB
IL
Ipeak
Io
VREF
Io increase
Figure2 - Control Scheme
Internal Regulator and BIAS
The 2.6V internal regulator powers most of the
internal circuitry. This regulator takes VIN and
operates in the full VIN range. When VIN is greater
than 3.0V, the output of the regulator is in full
regulation. Lower values of VIN result in lower
output voltages. When VBIAS>2.9V, the bias
supply overrides the input voltage and supplies
power to the internal regulator. When VBIAS>4.5V,
it can power LS_FET driver furthermore. Using
BIAS to power internal regulator can improve the
efficiency. It is recommended to connect BIAS to
the regulated output voltage when it is in the
range of 2.9V to 5.5V. When output voltage is out
of above range, an external supply that is >2.9V
or even better >4.5V can be used to power BIAS.
Enable Control
The MP4569 has a dedicated enable-control pin,
EN: when VIN goes high, the EN pin enables and
disables the chip. This is HIGH logic. Its trailing
threshold is a consistent 1.2V. Its rising threshold
is about 350mV higher. When floating, EN pin is
internally pulled down to GND to disable the chip.
When EN = 0V, the chip goes into the lowest
shutdown-current mode. When EN is higher than
zero but lower than its rising threshold, the chip
remains in shutdown mode with a slightly larger
shutdown current.
Internally a zener diode is connected from EN pin
to GND pin. The typical clamping voltage of the
zener diode is 6.5V. So VIN can be connected to
EN through a high ohm resistor if the system
doesn't have another logic input acting as enable
signal. The resistor needs to be designed to limit
the EN pin sink current less than 150μA. Just
note that there is an internal 3M resistor from EN
to GND, so the external pull up resistor should be
smaller than
1.55V
3M
1.55V]
-
[V
(MIN)
IN
×
to make sure
the part can EN on at the lowest operation VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com