Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8768 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8768
Description  8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8768 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8768 Datasheet HTML 1Page - Monolithic Power Systems MP8768 Datasheet HTML 2Page - Monolithic Power Systems MP8768 Datasheet HTML 3Page - Monolithic Power Systems MP8768 Datasheet HTML 4Page - Monolithic Power Systems MP8768 Datasheet HTML 5Page - Monolithic Power Systems MP8768 Datasheet HTML 6Page - Monolithic Power Systems MP8768 Datasheet HTML 7Page - Monolithic Power Systems MP8768 Datasheet HTML 8Page - Monolithic Power Systems MP8768 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP8768 – 8A, 28V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFET
MP8768 Rev. 1.0
www.MonolithicPower.com
2
12/12/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
FB
PG
EN/SYNC
IN
IN
IN
AAM
1
2
3
4
5
6
7
GND
BG
VCC
BST
SW
SW
SW
14
13
12
11
10
9
8
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
Refer PCB Layout example
in Application Section
Part Number*
Package
MP8768DL
3x4 QFN14
Temperature
Top Marking
–40
°C to +85°C
8768
* For Tape & Reel, add suffix –Z (eg. MP8768DL–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP8768DL–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN.......................................30V
VSW ...................... –0.3V (-5V for < 10ns) to 31V
VBS ......................................................VSW + 6V
All Other Pins................................ –0.3V to +6V
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN...........................4.5V to 28V
Operating Temperature ............ –40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x4 QFN14 .............................48 ...... 11 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7, 4-layer PCB.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
0
1.0
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V
1
1.2
mA
Switch On Resistance
(4)
SWRDS-ON
50
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V
0
10
μA
Current Limit
(4)
ILIMIT
9.5
A
Oscillator Frequency
FSW
VFB = 700mV
400
600
800
KHz
Fold-back Frequency
FFB
VFB = 0V
0.25
fSW
Maximum Duty Cycle
DMAX
VFB = 700mV
85
90
%
Sync Frequency Range
FSYNC
4.5V ≤ VIN ≤ 28V
0.3
2
MHz
Feedback Voltage
VFB
788
808
828
mV
Feedback Current
IFB
VFB = 800mV
10
50
nA
EN/SYNC Input Low Voltage
ENVIL
0.4
V
EN/SYNC Input High Voltage
ENVIH
2
V
VEN = 2V
2
EN Input Current
IEN
VEN = 0V
0
μA
EN Turn Off Delay
ENTd-Off
5
μs
Power Good Threshold Rising
PGVth_Hi
0.9
VFB
Power Good Threshold Falling
PGVth_Lo
0.7
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com