Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8768 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8768
Description  8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8768 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8768 Datasheet HTML 1Page - Monolithic Power Systems MP8768 Datasheet HTML 2Page - Monolithic Power Systems MP8768 Datasheet HTML 3Page - Monolithic Power Systems MP8768 Datasheet HTML 4Page - Monolithic Power Systems MP8768 Datasheet HTML 5Page - Monolithic Power Systems MP8768 Datasheet HTML 6Page - Monolithic Power Systems MP8768 Datasheet HTML 7Page - Monolithic Power Systems MP8768 Datasheet HTML 8Page - Monolithic Power Systems MP8768 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP8768 – 8A, 28V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFET
MP8768 Rev. 1.0
www.MonolithicPower.com
4
12/12/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 1.5µH, TA = +25ºC, unless otherwise noted.
DUTY CYCLE (%)
Peak Current vs.
Duty Cycle
INPUT VOLTAGE (V)
OUTPUT CURRENT (A)
Line Regulation
IOUT=4A
Case Temperature Rise
vs. Output Current
LOAD CURRENT (A)
Load Regulation
INPUT VOLTAGE (V)
Operating Range
VCC Regulator Line
Regulation
0.1
1
10
100
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enable Supply Current
vs. Input Voltage
Disable Supply Current
vs. Input Voltage
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
0
5
10
15
20
25
30
0
2
4
6
8
10
12
0
20
40
60
80
100
0
5
10
15
20
25
30
-0.15
-0.10
-0.05
0.00
0.05
0.10
0 3 6 9 12 15 18 21 24 27 30
0
10
20
30
40
50
60
02468
10
IOUT=8A
IOUT=4A
Dmax Limit
Minimum on time Limit
780
800
820
840
860
880
900
920
940
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-0.60
-0.40
-0.20
0
0.20
0.40
0.60
02
4
6
8
10
-0.05
0.00
0.05
0.10
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com