Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8768 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8768
Description  8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8768 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8768 Datasheet HTML 5Page - Monolithic Power Systems MP8768 Datasheet HTML 6Page - Monolithic Power Systems MP8768 Datasheet HTML 7Page - Monolithic Power Systems MP8768 Datasheet HTML 8Page - Monolithic Power Systems MP8768 Datasheet HTML 9Page - Monolithic Power Systems MP8768 Datasheet HTML 10Page - Monolithic Power Systems MP8768 Datasheet HTML 11Page - Monolithic Power Systems MP8768 Datasheet HTML 12Page - Monolithic Power Systems MP8768 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP8768 – 8A, 28V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFET
MP8768 Rev. 1.0
www.MonolithicPower.com
11
12/12/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 3—BOM of Reference Design
Qty
Ref
Value
Description
Package Manufacturer Part Number
2
C1A, C1B
4.7µF
Ceramic Cap, 50V, X7R
1210
Murata
GRM32ER71H475KA88L
2
C2A, C2B
47µF
Ceramic Cap, 10V, X5R
1210
Murata
GRM32ER61A476KE20L
2
C3, C4
1µF
Ceramic Cap, 16V, X7R
0603
Murata
GRM188R71C105KA12D
0
C5
NS
1
C6
82pF
Ceramic Cap, 50V, COG
0603
Murata
GRM1885C1H820JA01D
1
R1
31.6k
Film Res., 1%
0603
Yageo
RC0603FR-0731K6L
1
R2
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
2
R3, R5
100k
Film Res., 5%
0603
Any
0
R4, R6, R8
NS
1
R7
10
Film Res., 5%
0603
Any
1
L1
1.5uH
10mΩ DCR, 14A
SMD
Wurth
744311150
1
M1
MOSFET, N-CH, 30V,
11.5mΩ
SO8
Fairchild
FDS6670AS
1
U1
Step-Down Converter
QFN14
MPS
MP8768DL
Also PCB layout is very important to achieve
stable operation. Please follow these guidelines
and take Figure 5 and 6 for references.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side and low-side MOSFETs.
2) Keep the connection of low-side MOSFET
between SW pin and input power ground as
short and wide as possible.
3) Place
the
feedback
resistors
and
compensation components as close to the
chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to
improve chip thermal performance and long-
term reliability.
6) It is suggested to add snubber circuit across
the high side MOSFET (VIN pin and SW pin)
so as to reduce SW spikes.
R1
GND
BST
SW
IN
PG
FB
VCC
2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
IN
SW
SW
BG
C1A
R5
R2
C4
R7
EN
8
76
5
4
3
2
1
SGND
PGND
C2A
R3
R4
C5
R9
C6
R6
R8
C3
M1
C1B
C2B
AAM
Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com