Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8768 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8768
Description  8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8768 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8768 Datasheet HTML 1Page - Monolithic Power Systems MP8768 Datasheet HTML 2Page - Monolithic Power Systems MP8768 Datasheet HTML 3Page - Monolithic Power Systems MP8768 Datasheet HTML 4Page - Monolithic Power Systems MP8768 Datasheet HTML 5Page - Monolithic Power Systems MP8768 Datasheet HTML 6Page - Monolithic Power Systems MP8768 Datasheet HTML 7Page - Monolithic Power Systems MP8768 Datasheet HTML 8Page - Monolithic Power Systems MP8768 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP8768 – 8A, 28V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFET
MP8768 Rev. 1.0
www.MonolithicPower.com
3
12/12/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power Good Delay
PGTd
20
μs
Power Good Sink Current
Capability
PGVOL
Sink 4mA
0.4
V
Power Good Leakage Current
PGLKG
VPG = 3.3V
10
nA
Under Voltage Lockout Threshold
Rising
3.9
4.1
4.3
V
Under Voltage Lockout Threshold
Hysteresis
880
mV
VCC Regulator
VCC
4.5
5
V
VCC Load Regulation
Icc=20mA
5
%
Gate Drive Sink Impedance
(4)
RSINK
1
Gate Drive Source Impedance
(4)
RSOURCE
4
Thermal Shutdown
TSD
150
°C
Note:
4) Guaranteed by design.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. To prevent current limit run away during a short circuit fault
condition the frequency fold-back comparator lowers the oscillator frequency when
the FB voltage is below 400mV.
2
PG
Power good output, the output of this pin is an open drain and is low if the output
voltage is lower than 10% of the nominal voltage. There is a 20µs delay to pull PG if
the output voltage is lower than 10% of regulation value.
3
EN/SYNC
EN=1 to enable the MP8768. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up, connect EN pin to VIN with 100KΩ
resistor.
4,5,6
IN
Supply Voltage. The MP8768 operates from a +4.5V to +28V input rail. C1 is needed
to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
7
AAM
Tie to ground forces the MP8768 in synchronous Mode. Tie to a voltage set by a
resistor divider forces the MP8768 into non-synchronous mode when load is small.
8,9,10
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
11
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
12
VCC
Bias Supply. Decouple with 1µF capacitor.
13
BG
Low Side Gate Drive output.
14
GND
Exposed Pad
System Ground. This pin is the reference ground of the regulated output voltage. For
this reason care must be taken in PCB layout.
Connect exposed pad to GND plane for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com