Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8768 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8768
Description  8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8768 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8768 Datasheet HTML 5Page - Monolithic Power Systems MP8768 Datasheet HTML 6Page - Monolithic Power Systems MP8768 Datasheet HTML 7Page - Monolithic Power Systems MP8768 Datasheet HTML 8Page - Monolithic Power Systems MP8768 Datasheet HTML 9Page - Monolithic Power Systems MP8768 Datasheet HTML 10Page - Monolithic Power Systems MP8768 Datasheet HTML 11Page - Monolithic Power Systems MP8768 Datasheet HTML 12Page - Monolithic Power Systems MP8768 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP8768 – 8A, 28V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFET
MP8768 Rev. 1.0
www.MonolithicPower.com
12
12/12/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
SGND
Bottom Layer
Figure 6—Reference PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com