Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869SGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 16Page - Monolithic Power Systems MP8869SGL Datasheet HTML 17Page - Monolithic Power Systems MP8869SGL Datasheet HTML 18Page - Monolithic Power Systems MP8869SGL Datasheet HTML 19Page - Monolithic Power Systems MP8869SGL Datasheet HTML 20Page - Monolithic Power Systems MP8869SGL Datasheet HTML 21Page - Monolithic Power Systems MP8869SGL Datasheet HTML 22Page - Monolithic Power Systems MP8869SGL Datasheet HTML 23Page - Monolithic Power Systems MP8869SGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
20
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8869S UVLO comparator monitors the
input voltage, VIN, and output voltage of the
VCC regulator. The MP8869S is active when
the voltages exceed the UVLO rising threshold.
Soft-Start (SS) and Pre-Bias Start-Up
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage that ramps up
from 0V to VCC. When SS is lower than REF,
the error amplifier uses SS as the reference.
When SS is higher than REF, the error amplifier
uses REF as the reference.
The approximate typical soft-start time can be
calculated with Equation (2):
ref
ss
ss
V (V) C (nF)
t (ms)
7A
(2)
Where Vref is reference voltage.
If the output of the MP8869S is pre-biased to a
certain voltage during start-up, the IC disables
the switching of both the HS-FET and LS-FET
until the voltage on the internal SS capacitor
exceeds the sensed output voltage at FB.
The MP8869S also provides a selectable soft-
stop
function
which
defines
the
output
discharge behavior after an EN shutdown. By
default, the output is not controlled after EN
shutdown. If setting the soft-stop control bit D[3]
to 1 in register 02 via the I2C, the output is
discharged linearly to zero in a quarter of the
soft-start time.
Over-Current Protection (OCP)
The MP8869S has a default, hiccup, cycle-by-
cycle, over-current limiting control. The current-
limit circuit employs both a high-side current
limit and a low-side valley current-sensing
algorithm. The MP8869S uses the RDS(ON) of the
LS-FET as a current-sensing element for the
valley current limit. If the magnitude of the high-
side current-sense signal is above the current-
limit threshold, the PWM on pulse is terminated,
and the LS-FET is turned on. Afterward, the
inductor current is monitored by the voltage
between GND and SW. GND is used as the
positive current sensing node, so GND should
be connected to the source terminal of the
bottom MOSFET. PWM is not allowed to initiate
a new cycle before the inductor current falls to
the valley threshold.
After
the
cycle-by-cycle
over-current
limit
occurs, the output voltage drops until VOUT is
below
the
under-voltage
(UV)
threshold
(typically 60% below the reference). Once UV is
triggered, the MP8869S enters hiccup mode to
restart the part periodically. This protection
mode is especially useful when the output is
dead shorted to ground. The average short-
circuit current is reduced greatly to alleviate
thermal issues and protect the regulator. The
MP8869S exits hiccup mode once the over-
current condition is removed.
Short the output to ground first, and then power
on the part. The MP8869S
’s I2C is disabled in
this condition. The I2C resumes operation after
the short circuit is removed. When the hiccup
over-current
protection
(OCP)
bit
D[1]
in
register 01 is set to 0 by the I2C, a latch-off
occurs if OCP is triggered, and FB under-
voltage protection (UVP) is triggered.
Power Good (PG)
The power good (PG) pin indicates whether the
output voltage is in the normal range compared
to the internal reference voltage. PG is an
open-drain structure. An external pull-up supply
is required. During power-up, the PG output is
pulled low. This indicates to the system to
remain off and keep the load on the output to a
minimum. This helps reduce in-rush current at
start-up.
When the output voltage is higher than 90%
and lower than 115% of the internal reference
voltage, and the soft start is finished, then the
PG signal is pulled high. When the output
voltage is lower than 85% after the soft start
finishes, the PG signal remains low. When the
output voltage is higher than 115% of the
internal reference, PG is switched low. The PG
signal rises back to high after the output voltage
drops below 105% of the internal reference
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com