Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869SGL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8869SGL Datasheet HTML 1Page - Monolithic Power Systems MP8869SGL Datasheet HTML 2Page - Monolithic Power Systems MP8869SGL Datasheet HTML 3Page - Monolithic Power Systems MP8869SGL Datasheet HTML 4Page - Monolithic Power Systems MP8869SGL Datasheet HTML 5Page - Monolithic Power Systems MP8869SGL Datasheet HTML 6Page - Monolithic Power Systems MP8869SGL Datasheet HTML 7Page - Monolithic Power Systems MP8869SGL Datasheet HTML 8Page - Monolithic Power Systems MP8869SGL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MP8869S
18V, 12A, High-Efficiency, Wide-Input,
Synchronous, Step-Down Converter with
Integrated Telemetry via I2C Interface
MP8869S Rev. 1.03
www.MonolithicPower.com
1
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The
MP8869S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with an I2C control interface. The
MP8869S offers a fully integrated solution that
achieves 12A of continuous current and 15A of
peak output current with excellent load and line
regulation over a wide input supply range.
The output voltage level can be controlled on-
the-fly through an I2C serial interface. The
reference voltage range can be adjusted from
0.6V to 1.108V in 4mV steps. The voltage slew
rate, frequency, current limit, hiccup/latch-off
protection, enable, and power-saving mode are
also selectable through the I2C interface.
Constant-on-time
(COT)
control
operation
provides fast transient response. An open-drain
power good (PG) pin indicates when the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The MP8869S
is
available
in
a
QFN-14
(3mmx4mm) package.
FEATURES
Vout Adjustable up to 5.5V using FB pin
Wide 2.85V to 18V Operating Input Range
12A Continuous/15A Peak Output Current
1% Internal Reference Accuracy
I2C-Programmable Reference Range from
0.6V to 1.108V in 4mV Steps with Slew
Rate Control
5% Accuracy Output Voltage and Output
Current Monitoring via I2C
Selectable PFM/PWM Mode, Adjustable
Frequency and Current Limit through I2C
Four Different Selectable I2C Addresses
External Soft Start (SS)
Open-Drain Power Good (PG) Indication
Output Over-Voltage Protection (OVP)
Hiccup/Latch-Off Over-Current Protection
(OCP)
Available in a QFN-14 (3mmx4mm)
Package
APPLICATIONS
Solid-State Drives (SSD)
Flat-Panel Televisions and Monitors
Digital Set-Top Boxes
Distributed Power Systems
Networking/Servers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8869S
SCL
EN
VIN
C1
22µFx2
SDA
VIN
VO
AGND
C2
22µFx4
PG
VOUT
2.85V-18V
L1
1.5µH
I2C Bus
{
1V/12A
VCC
C5
470nF
SS
BST
C6
22nF
C3
100nF
A0
SW
PGND
FB
R2
205kΩ
R1
80.6kΩ
EN
PG


Similar Part No. - MP8869SGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869GL MPS-MP8869GL Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8869WGL MPS-MP8869WGL Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
More results

Similar Description - MP8869SGL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
MP8861 MPS-MP8861 Datasheet
1Mb / 37P
2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
Rev. 1.1 5/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com