Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869SGL Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 28Page - Monolithic Power Systems MP8869SGL Datasheet HTML 29Page - Monolithic Power Systems MP8869SGL Datasheet HTML 30Page - Monolithic Power Systems MP8869SGL Datasheet HTML 31Page - Monolithic Power Systems MP8869SGL Datasheet HTML 32Page - Monolithic Power Systems MP8869SGL Datasheet HTML 33Page - Monolithic Power Systems MP8869SGL Datasheet HTML 34Page - Monolithic Power Systems MP8869SGL Datasheet HTML 35Page - Monolithic Power Systems MP8869SGL Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
32
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in a FB Control
Loop
The MP8869S can be controlled by the FB loop.
The output voltage can be set by the external
resistor dividers. The FB loop reference voltage
is
a
default
value
(0.72V)
and
can
be
programmed by the I2C. The
MP8869S’s output
voltage must be below the absolute OVP
threshold (typically 6.5V).
The FB loop network is shown in Figure 11.
FB
R2
R1
VOUT
Rt
Figure 11: FB Loop Network
Calculate R1 and R2 with Equation (4):
OUT
R1
R2
V
1
0.72V
(4)
Table
6 lists the recommended feedback
resistors value for common output voltages.
Table 6: Resistor Selection for Common Output
Voltages (8)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt(
kΩ)
L(μH)
1.0
80.6
205
10
1.5
1.2
80.6
121
10
1.5
1.5
80.6
74.4
10
1.5
1.8
80.6
53.6
10
1.5
2.5
80.6
32.4
10
2.2
3.3
80.6
22.6
10
2.2
5
80.6
13.7
10
3.3
NOTE:
8)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1
and R2
. For other components’ parameters, please refer to
the Typical Application Circuits on page 36 to page 38.
Output Voltage Dynamic Scale
The output voltage dynamic scaling can be
done only via the I2C. Refer to Figure 11 and
follow the steps below.
1) Write GO_BIT (Reg01[6]) to 1.
2) Write Reg00 to set the reference voltage by
feedback
reference
(Reg00
[6:0])
simultaneously. When the command is
finished, GO_BIT auto-resets to 0 to prevent
false operation of the VOUT scaling.
Repeat the above two steps if the output
voltage must be changed to a different voltage.
Voltage scaling
start
Write Reg01[6]
“GO_BIT”=1
Write Reg00
(“Vref”code)
Voltage scaling is done
Figure 12: Output Voltage Dynamic Scale Flow
Chart
Selecting the Inductor
Use a 0.47µH to 5µH inductor with a DC current
rating at least 25% higher than the maximum
load current for most applications. For the
highest efficiency, use an inductor with a DC
resistance l
ess than 5mΩ. For most designs,
the inductance value can be derived from
Equation (5):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(5)
Where ∆IL is the inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com