Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869SGL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 17Page - Monolithic Power Systems MP8869SGL Datasheet HTML 18Page - Monolithic Power Systems MP8869SGL Datasheet HTML 19Page - Monolithic Power Systems MP8869SGL Datasheet HTML 20Page - Monolithic Power Systems MP8869SGL Datasheet HTML 21Page - Monolithic Power Systems MP8869SGL Datasheet HTML 22Page - Monolithic Power Systems MP8869SGL Datasheet HTML 23Page - Monolithic Power Systems MP8869SGL Datasheet HTML 24Page - Monolithic Power Systems MP8869SGL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
21
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PG implements an adjustable deglitch time via
the I2C whenever VOUT crosses the under-
voltage and over-voltage (UV, OV) rising and
falling threshold. This guarantees the correct
indication when the output voltage is scaled
through the I2C.
The PG output is pulled low immediately when
EN
UVLO,
input
UVLO,
OCP,
or
over-
temperature protection (OTP) are triggered.
Input Over-Voltage Protection (VIN OVP)
The MP8869S monitors VIN to detect an input
over-voltage event. This function is active only
when the output is in OV or a soft-stop
condition. When the output is in the over-
voltage protection (OVP) state or soft stop is
enabled, output discharge is enabled to charge
the input voltage high. When the input voltage
exceeds the input OVP threshold, both the HS-
FET and LS-FET stop switching.
Output Over-Voltage Protection (OVP)
The MP8869S monitors both FB and VOUT to
detect an over-voltage event. When the FB
voltage becomes higher than 125% of the
internal
reference
voltage,
an
internal
comparator monitors FB, and the controller
enters dynamic regulation mode. The input
voltage may be charged up during this time.
When input OVP is triggered, the IC stops
switching. If OVP mode is set to auto retry in
the I2C, the IC begins switching once the input
voltage drops below the VIN OVP recover
threshold. Otherwise, the MP8869S latches off.
OVP auto-retry mode or latch-off mode occurs
only if the soft start has finished.
Dynamic regulation mode can be operated by
turning on the low side until the low-side
negative current limit is triggered. Then the
body diode of the HS-FET free-wheels the
current.
The output power charges the input, which may
trigger the VIN OVP function. In VIN OVP,
neither the HS-FET or LS-FET turn on and stop
charging VIN. If the output is still over-voltage
and the input voltage drops below the VIN OVP
threshold, repeat the operation. If the output
voltage is below 110% of the internal reference
voltage, then output OVP is exited.
Output Absolute Over-Voltage Protection
(OVP_ABS)
T
he MP8869S’s VOUT can be adjusted by the
feedback reference voltage and the external
resistor dividers. But MP8869S’s output voltage
must be set lower than the absolute OVP
threshold (typically 6.5V).
The
MP8869S
monitors
VOUT
to
detect
absolute OVP. When VOUT is larger than 6.5V,
the controller enters dynamic regulation mode if
the OVP retry bit is set to 1 in the I2C register
01. Otherwise, the MP8869S latches off when
output OVP and input OVP are both triggered.
Absolute OVP works once both the input
voltage and EN are higher than their rising
thresholds. This means that this function can
work even during a soft start.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 160°C, the entire chip shuts down.
When the temperature is less than its lower
threshold (typically 140°C), the chip is enabled
again.
The D[1] and D[2] bits can be monitored in
register 06 for more information about the IC
silicon temperature.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.4V with a 150mV
hysteresis. The bootstrap capacitor voltage is
regulated by VIN internally through D1, M1, C4,
L1, and C2 (see Figure 6). If VBST - VSW exceeds
3.3V, U1 regulates M1 to maintain a 3.3V BST
voltage across C4.
VIN
D1
M1
3.3V
C4
BST
SW
L1
VOUT
C2
U1
Figure 6: Internal Bootstrap Charging Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com