Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869SGL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8869SGL
Description  18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869SGL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8869SGL Datasheet HTML 4Page - Monolithic Power Systems MP8869SGL Datasheet HTML 5Page - Monolithic Power Systems MP8869SGL Datasheet HTML 6Page - Monolithic Power Systems MP8869SGL Datasheet HTML 7Page - Monolithic Power Systems MP8869SGL Datasheet HTML 8Page - Monolithic Power Systems MP8869SGL Datasheet HTML 9Page - Monolithic Power Systems MP8869SGL Datasheet HTML 10Page - Monolithic Power Systems MP8869SGL Datasheet HTML 11Page - Monolithic Power Systems MP8869SGL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MP8869S
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8869S Rev. 1.03
www.MonolithicPower.com
8
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C PORT SIGNAL CHARACTERISTICS
Parameter
Symbol
Condition
Cb = 100pF
Cb = 400pF
Units
Min
Max
Min
Max
SCLH and SCL clock
frequency
fSCHL
0
3.4
0
0.4
MHz
Set-up time for a
repeated start
condition
τSU;STA
160
-
600
-
ns
Hold time (repeated)
start condition
τHD;STA
160
-
600
-
ns
Low period of the SCL
clock
τLOW
160
-
1300
-
ns
High period of the
SCL clock
τHIGH
60
-
600
-
ns
Data set-up time
τSU:DAT
10
-
100
-
ns
Data hold time
τHD;DAT
0
70
0
-
ns
Rise time of SCLH
signal
τrCL
10
40
20*0.1Cb
300
ns
Rise time of SCLH
signal after a repeated
start condition and
after an acknowledge
bit
τfCL1
10
80
20*0.1Cb
300
ns
Fall time of SCLH
signal
τfCL
10
40
20*0.1Cb
300
ns
Rise time of SDAH
signal
τfDA
10
80
20*0.1Cb
300
ns
Fall time of SDAH
signal
τfDA
10
80
20*0.1Cb
300
ns
Set-up time for stop
condition
τSU;STO
160
-
600
-
ns
Bus free time between
a stop and start
condition
τBUF
160
-
1300
-
ns
Data valid time
τVD;DAT
-
16
-
90
ns
Data valid
acknowledge time
τVD;ACK
-
160
-
900
ns
Capacitive load for
each bus line
Cb
SDAH and SCLH line
-
100
-
400
pF
SDAH + SDA line
and SCLH + SCL line
-
400
-
400
pF
Noise margin at the
low level
Ci
For each connected
device
-
0.1VCC
0.1VCC
-
V
Noise margin at the
high level
VnH
For each connected
device
-
0.2VCC
0.2VCC
-
V
NOTE: VCC is the I2C bus voltage, 1.8V to 3.6V range, and used for 1.8V, 2.5V, and 3.3V bus voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com