Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869WGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 16Page - Monolithic Power Systems MP8869WGL Datasheet HTML 17Page - Monolithic Power Systems MP8869WGL Datasheet HTML 18Page - Monolithic Power Systems MP8869WGL Datasheet HTML 19Page - Monolithic Power Systems MP8869WGL Datasheet HTML 20Page - Monolithic Power Systems MP8869WGL Datasheet HTML 21Page - Monolithic Power Systems MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
20
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 4: Forced PWM Operation
Light-Load Operation
When the MP8869W works in auto PFM/PWM
mode or light-load operation, the MP8869W
reduces the switching frequency automatically to
maintain high efficiency, and the inductor current
drops almost to zero. When the inductor current
reaches zero, the LS-FET driver goes into tri-
state (high-Z) (see Figure 5). The output
capacitors discharge slowly to GND through R1
and
R2.
This
operation
improves
device
efficiency greatly when the output current is low.
VEAO
VOUT
VIN
Ton is constant
IL
VSW
VRAMP
IOUT
Current Modulator Time
Figure 5: Light-Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently during heavy-load condition. The
frequency at which the HS-FET turns on is a
function of the output current. As the output
current increases, the time period that the
current modulator regulates becomes shorter,
the HS-FET turns on more frequently, and the
switching frequency increases. The output current
reaches
critical
levels
when
the
current
modulator time is zero and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device reverts to PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains fairly
constant over the output current range.
The MP8869W can operate in pulse frequency
modulation (PFM) mode under light load to
improve
efficiency
(low-power
mode).
The
MP8869W can also operate in forced PWM
mode at any load condition. This mode is
selectable through the I2C control. To enable
low-power mode, set the Mode bit to 0. To
disable low-power mode, set the mode bit to 1,
and the converter will work in forced PWM mode.
The Mode bit is set to 0 (PFM) by default.
Operating without an External Ramp
The traditional constant-on-time control scheme
is unstable intrinsically if t
he output capacitor’s
ESR is not large enough to be an effective
current-sense
resistor.
Ceramic
capacitors
cannot be used as output capacitors, usually.
The MP8869W has built-in, internal ramp
compensation to ensure that the system is stable,
even without
the help of the output capacitor’s
ESR. The pure ceramic capacitor solution can
reduce the output ripple, total BOM cost, and
board area significantly.
VCC Regulator
A 3.5V internal regulator powers most of the
internal circuitries. A 470nF decoupling capacitor
is needed to stabilize the regulator and reduce
ripple. This regulator takes the VIN input and
operates in the full VIN range. After EN is pulled
high, and VIN is greater than 3.5V, the output of
the regulator is in full regulation. When VIN is
lower than 3.5V, the output voltage decreases
and follows the input voltage.
A 0.47μF ceramic
capacitor is required for decoupling.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage against the internal 0.6V reference
(REF) for non-I2C mode and outputs a PWM
modulation signal. In I2C mode, FB is opened,
and VOUT is connected to the EA non-inverter
input. The reference voltage can be programmed
from 0.6V to 1.55V in the I2C control loop. The
optimized
internal
ramp
compensation
minimizes the external component count and
simplifies the control loop design.
Enable (EN)
EN is a digital control pin that turns the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com