Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869WGL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 17Page - Monolithic Power Systems MP8869WGL Datasheet HTML 18Page - Monolithic Power Systems MP8869WGL Datasheet HTML 19Page - Monolithic Power Systems MP8869WGL Datasheet HTML 20Page - Monolithic Power Systems MP8869WGL Datasheet HTML 21Page - Monolithic Power Systems MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
21
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
regulator, including the I2C block, on and off.
Drive EN high to turn on the regulator; drive EN
low to turn off the regulator. An internal 1.5M
Ω
resistor is connected from EN to ground. EN can
operate with an 18V input voltage, which allows
EN to be directly connected to VIN for automatic
start-up. When the external EN is high, set the
EN bit to 0 in register 01 to stop the HS-FET and
LS-FET from switching. The MP8869W resumes
switching by setting the EN bit to 1.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8869W UVLO comparator monitors the
input voltage, VIN, and output voltage of the
VCC regulator. The MP8869W is active when
the voltages exceed the UVLO rising threshold.
Soft-Start (SS) and Pre-Bias Start-Up
The soft start (SS) prevents the converter output
voltage from overshooting during start-up. When
the chip starts up, the internal circuitry generates
a soft-start voltage that ramps up from 0V to
VCC. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF as
the reference.
The approximate typical soft-start time can be
calculated with Equation (2):
( )
(
)
()
7
ref
ss
ss
V
V
C
nF
t
ms
A
(2)
Where Vref is reference voltage of the FB loop or
I2C loop.
If the output of the MP8869W is pre-biased to a
certain voltage during start-up, the IC disables
the switching of both the HS-FET and LS-FET
until the voltage on the internal SS capacitor
exceeds the sensed output voltage at FB or
VOUT(7).
NOTE:
V_BOOT = 1, sense FB voltage. V_BOOT = 0, sense VOUT
voltage.
The MP8869W also provides a selectable soft-
stop function which defines the output discharge
behavior after EN shutdown. By default, the
output is not controlled after EN shutdown. If
setting the soft-stop control bit D[3] to 1 in
register 02 via the I2C, the output is discharged
linearly to zero in a quarter of the soft-start time.
Over-Current-Protection (OCP)
The MP8869W has a default, hiccup, cycle-by-
cycle, over-current limiting control. The current-
limit circuit employs both high-side current limit
and
a
low-side
"valley"
current-sensing
algorithm. The part uses the RDS(ON) of the LS-
FET as a current-sensing element for the valley
current limit. If the magnitude of the high-side
current-sense signal is above the current-limit
threshold, the PWM on pulse is terminated, and
the LS-FET is turned on. Afterward, the inductor
current is monitored by the voltage between
GND and SW. GND is used as the positive
current sensing node, so GND should be
connected to the source terminal of the bottom
MOSFET. PWM is not allowed to initiate a new
cycle before the inductor current falls to the
valley threshold.
After the cycle-by-cycle over-current limit occurs,
the output voltage drops until VOUT is below the
under-voltage (UV) threshold, typically 60%
below the reference. Once UV is triggered, the
MP8869W enters hiccup mode to restart the part
periodically. This protection mode is especially
useful when the output is dead shorted to
ground. The average short-circuit current is
greatly reduced to alleviate thermal issues and
to protect the regulator. The MP8869W exits
hiccup mode once the over-current condition is
removed.
Short the output to ground first, and then power
on the part. The MP8869W’s I2C is disabled in
this condition. The I2C resumes operation after
the short circuit is removed. When hiccup OCP
bit D[1] in register 01 is set to 0 by the I2C, a
latch-off occurs if OCP is triggered, and FB UVP
is triggered.
POWER GOOD (PG)
The power good (PG) indicates whether the
output voltage is in the normal range compared
to the internal reference voltage. PG is an open-
drain structure. An external pull-up supply is
required. During power-up, the PG output is
pulled low. This indicates to the system to remain
off and keep the load on the output to a minimum.
This helps reduce in-rush current at start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com