Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869WGL Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems MP8869WGL Datasheet HTML 34Page - Monolithic Power Systems MP8869WGL Datasheet HTML 35Page - Monolithic Power Systems MP8869WGL Datasheet HTML 36Page - Monolithic Power Systems MP8869WGL Datasheet HTML 37Page - Monolithic Power Systems MP8869WGL Datasheet HTML 38Page - Monolithic Power Systems MP8869WGL Datasheet HTML 39Page - Monolithic Power Systems MP8869WGL Datasheet HTML 40Page - Monolithic Power Systems MP8869WGL Datasheet HTML 41Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
39
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MP8869W
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1
22µF
R2
11kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1A
22µF
C1B
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
3.3µH
C4
22pF
C6
22nF
VIN
12V
PG
SDA
SCL
VOUT
5V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
EN
R5
499kΩ
RA0_up
RA0_down
NS
(I2C slave address setup
by A0 resistor divider)
VCC
Figure 21: VIN = 12V, VOUT = 5V, IOUT = 12A(11)
NOTE:
11) Based on evaluation board test results at 25°C ambient temperature. A lower input voltage will trigger over-temperature protection with full
load.
MP8869W
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1A
22µF
R2
162kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1B
22µF
C1C
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
0.47µH
C4
NS
C6
22nF
VIN
3V
PG
SDA
SCL
VOUT
0.9V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
Vcc
EN
R5
499kΩ
RA0_up
RA0_down
NS
NS
(I2C slave address setup
by A0 resistor divider)
C1
220µF
Figure 22: VIN = 3V, VOUT = 0.9V, IOUT = 12A
MP8869W
VIN
9
5
PG
A0
SS
SDA
SCL
BST
SW
VOUT
VCC
PGND
AGND
FB
EN
C5
0.47μF
RPG
100kΩ
C1A
22µF
R2
80.6kΩ
R4
10kΩ
C2
22µF
C2A
22µF
C1B
22µF
C1C
0.1µF
R3
0Ω
C3
0.1µF
C2B
22µF
R1
80.6kΩ
L1
0.47µH
C4
NS
C6
22nF
VIN
3V
PG
SDA
SCL
VOUT
1.2V/12A
13
7
4
3
6
14
8
12
11
10
2
1
C2C
22µF
Vcc
EN
R5
499kΩ
RA0_up
RA0_down
NS
NS
(I2C slave address setup
by A0 resistor divider)
C1
220µF
Figure 23: VIN = 3V, VOUT = 1.2V, IOUT = 12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com