Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869WGL Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems MP8869WGL Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
26
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
REGISER DESCRIPTION
Register Map
The MP8869W contains six write or read registers.
Register 00 is the output voltage selection register.
Register 01 is the first system control register, and
users can use it to set the slew rate, hiccup OCP,
etc. Register 02 is the second system control
register, and users can use it to set the switching
frequency, current limit, etc.
Register 03 and register 04 are output current and
output voltage indicating registers. Register 05 is
the IC ID register. Register 06 is the IC status
indication register, and users can use it to check if
the
IC
is
in
over-current
protection,
over-
temperature protection status, etc. The register
map is shown below.
ADD
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
00
VSEL
R/W
V_BOOT
Output Reference
01
SysCntlreg1
R/W
EN
GO_BIT
Slew rate
Retry
OVP
Hiccup
OCP
Mode
02
SysCntlreg2
R/W
PG deglitch time
Switching
frequency
Soft
stop
Current limit adjust
03
Output
current
R
Output current
04
Output
voltage
R
Output voltage
05
ID1
R
Vendor ID
Die ID
06
Status
R
Reserved
OC
OTEW
OT
PG
Register Description
1) Reg00 VSEL
Register 00 is the output voltage selection register.
The
MP8869W
default
output
voltage
is
determined by the FB resistor divider after the
MP8869W power start-up or EN start-up. The
reference voltage in the FB control loop is fixed at
0.6V.
After the MP8869W starts up, the output voltage
can be controlled by the I2C through setting the
highest bit V_BOOT = 0. Before adjusting the
output reference voltage, the bit GO_BIT of the
first system control Register 01 should be set to 1,
and then the output reference voltage can be
adjusted by the lower seven bits of register 00 in
the I2C loop. When the output reference voltage
setting command is finished, GO_BIT auto-resets
to 0 to prevent false operation of the VOUT scaling.
GO_BIT should be set to 1 before adjusting the
output reference voltage in the I2C loop.
Table 3 shows the output voltage selection chart
from 0.6V to 1.55V in the I2C control loop.
NAME
BITS
DEFAULT
DESCRIPTION
V_BOOT
D[7]
1
FB control loop enable bit. V_BOOT = 1 means the output voltage is
determined by the resistor divider connecting to FB. The FB reference
voltage is fixed at 0.6V. V_BOOT = 0 means the output voltage is controlled
by I2C through VOUT. This bit is helpful for the default output voltage setting
before the I2C signal is active. If the I2C is not used, the part works well with
FB.
Output
reference
D[6:0]
001 1110
Set the output voltage from 0.6V to 1.55V (see Table 3). The default value is
0.825V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com