Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8869WGL Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 32Page - Monolithic Power Systems MP8869WGL Datasheet HTML 33Page - Monolithic Power Systems MP8869WGL Datasheet HTML 34Page - Monolithic Power Systems MP8869WGL Datasheet HTML 35Page - Monolithic Power Systems MP8869WGL Datasheet HTML 36Page - Monolithic Power Systems MP8869WGL Datasheet HTML 37Page - Monolithic Power Systems MP8869WGL Datasheet HTML 38Page - Monolithic Power Systems MP8869WGL Datasheet HTML 39Page - Monolithic Power Systems MP8869WGL Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
36
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
SW
VCC
VIN
3
10
VOUT
AGND KELVIN
CONNECT TO PGND
AT VCC CAP
DO NOT CONNECT
TO PGND HERE
PGND
BST
ANGD
At least two layers
should be applied
for Vin and PGND
and place >20 vias
close to the part for
a better thermal
performance
SS
VOUT
FB
VIN
PG
A0
EN
SDA
SCL
C2
C5
C6
R3
AGND
4
5
6
13
12
11
1
14
10
3
7
2
8
9
C1
L1
SW
VIN
PGND
--Top Layer
--Via
--Bottom Vin Layer
--Inner PGND Layer
--Inner Layer2
--Via For AGND
--Bottom Layer
R2
Figure 14: Recommend Layout
Design Example
Table 7 is a design example following the
application guidelines for the specifications
below.
Table 7: Design Example
VIN
12V
VOUT
1V
IO
12A
The detailed application schematics are shown
in Figure 15 through Figure 21. The typical
performance and circuit waveforms are shown in
the Typical Performance Characteristics section.
For more device applications, please refer to the
related evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com