Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP28164GD Datasheet HTML 12Page - Monolithic Power Systems MP28164GD Datasheet HTML 13Page - Monolithic Power Systems MP28164GD Datasheet HTML 14Page - Monolithic Power Systems MP28164GD Datasheet HTML 15Page - Monolithic Power Systems MP28164GD Datasheet HTML 16Page - Monolithic Power Systems MP28164GD Datasheet HTML 17Page - Monolithic Power Systems MP28164GD Datasheet HTML 18Page - Monolithic Power Systems MP28164GD Datasheet HTML 19Page - Monolithic Power Systems MP28164GD Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
18
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout of the high-frequency
switching power supplies is critical for stable
operation. Poor layout can result in reduced
performance, excessive EMI, resistive loss, and
system instability. For best results, refer to Figure
3 and follow the guidelines below.
1. Place the input capacitor and output capacitor
close to VIN, VOUT, and PGND.
2. Place the VCC decoupling capacitor close to
VCC and AGND.
3. Keep the FB resistor divider very close to FB.
4. Keep the FB trace far away from noise
sources, such as SW1 and SW2.
5. Ensure the layout of the copper of GND, VIN,
and VOUT is wide enough to conduct high
current and lower the die temperature.
6. Place vias in the GND copper around the chip
for better thermal performance.
Top Layer
GND
Bottom Layer
Figure 3: PCB Layout Recommendation
Figure 4: Reference Circuit for PCB Guide
Design Example
Table 1 is a design example following the
application guidelines for the specifications
below:
Table 1: Design Example
Start-Up VIN (V)
1.8 - 5.5
Operation VIN (V)
1.2 - 5.5
VOUT (V)
3.3V
The detailed application schematic is shown in
Figure 5, and the performance can be found in
the
Typical
Performance
Characteristics
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com