Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28164GD Datasheet HTML 1Page - Monolithic Power Systems MP28164GD Datasheet HTML 2Page - Monolithic Power Systems MP28164GD Datasheet HTML 3Page - Monolithic Power Systems MP28164GD Datasheet HTML 4Page - Monolithic Power Systems MP28164GD Datasheet HTML 5Page - Monolithic Power Systems MP28164GD Datasheet HTML 6Page - Monolithic Power Systems MP28164GD Datasheet HTML 7Page - Monolithic Power Systems MP28164GD Datasheet HTML 8Page - Monolithic Power Systems MP28164GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
4
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = VOUT = 3.3V, TJ = -40°C to 125°C. Typical value is tested at 25°C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN under-voltage lockout rising
threshold
VIN-UVLO-R
VCC floating, VIN rising, test VIN
when IC starts up
1.63
1.7
1.77
V
VIN under-voltage lockout falling
threshold
VIN-UVLO-F VOUT = 3.3V, VIN falling
0.69
V
VCC under-voltage lockout
falling threshold
VCC-UVLO-F VIN = 1.2V, VCC falling
1.45
1.56
1.67
V
Feedback voltage reference
VREF
TJ = 25°C
495
500
505
mV
TJ = -40°C to +125°C
492.5
500
507.5
mV
Oscillator frequency
FREQ
1700
2000
2300
kHz
Frequency range for
synchronization
1000
3000
kHz
Steady state current limit
ISW1
VFB > 60%VREF
3.5
4.2
5
A
Start-up current limit
ISW2
VFB < 60%VREF
1.7
2.5
A
NMOS switch on resistance
RDS(ON)-N SWB, SWC
22
mΩ
PMOS switch on resistance
RDS(ON)-P SWA, SWD
27.5
mΩ
Quiescent current
IQ
VFB = 0.55V, VIN = 2.5V,
VOUT = 3.3V, test VOUT
25
μA
VFB = 0.55V, VIN = 2.5V,
VOUT = 3.3V, test VIN
3.3
μA
Shutdown current
IS
VEN = 0V
3
μA
Soft-start time
TSS
Internal VREF from 0V to 0.5V
1.5
ms
EN/MODE input low voltage
0.4
V
EN/MODE input high voltage
1.2
V
EN input current
IEN
VEN = 3.3V
2.1
μA
VEN = 0V
0
μA
Power good rising threshold
PGVTH-HI
87.5% 91.5% 95.5%
VREF
Power good falling threshold
PGVTH-LO
72%
76%
80%
VREF
Power good delay
PGDT
Low to high
118
μs
High to low
19
Power good sink current
capability
VPG
Sink 3mA
0.3
V
Thermal shutdown
(6)
TSHDN
160
°C
Thermal shutdown hysteresis
(6)
THYS
20
°C
NOTE:
6)
Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com