Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28164GD Datasheet HTML 1Page - Monolithic Power Systems MP28164GD Datasheet HTML 2Page - Monolithic Power Systems MP28164GD Datasheet HTML 3Page - Monolithic Power Systems MP28164GD Datasheet HTML 4Page - Monolithic Power Systems MP28164GD Datasheet HTML 5Page - Monolithic Power Systems MP28164GD Datasheet HTML 6Page - Monolithic Power Systems MP28164GD Datasheet HTML 7Page - Monolithic Power Systems MP28164GD Datasheet HTML 8Page - Monolithic Power Systems MP28164GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP28164
High-Efficiency, Single-Inductor,
Buck-Boost Converter with 4.2A Switches
MP28164 Rev. 1.0
www.MonolithicPower.com
1
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28164 is a high-efficiency, low-
quiescent current, buck-boost converter that
operates from an input voltage above, equal to,
or below the output voltage. The device
provides a compact solution for products
powered by one-cell Lithium-Ion or multi-cell
alkaline batteries where the output voltage is
within the battery voltage range.
The MP28164 uses current-mode control with
fixed PWM frequency for optimal stability and
transient response. The fixed 2MHz switching
frequency and integrated low RDS(ON) MOSFETs
minimize the solution footprint while maintaining
high efficiency.
To ensure the longest possible battery life, the
MP28164 uses an optional pulse skipping mode
that reduces the switching frequency under
light-load conditions. For other low-noise
applications where pulse skipping mode may
cause interference, a high-logic input on
MODE/SYNC guarantees fixed-frequency PWM
operation under all load conditions.
The MP28164 operates with an input voltage
from 1.2V to 5.5V to provide an adjustable
output voltage from 1.5V to 5V. With an input
from 2.5V to 5.5V, the device can supply 2A of
current to the load with a 3.3V output voltage.
The MP28164 is available in a small QFN-11
(2mmx3mm) package.
FEATURES
 1.8V Minimum Start-Up Input Voltage
 1.2V to 5.5V Input Work Range
 1.5V to 5V Output Range
 4.2A Switching Current Limit
 3.3V/2A Load Capability from a 2.5V-to-
5.5V Input Supply
 2MHz Fixed or External Synchronous
Switching Frequency
 Selectable PSM/PWM Mode
 Typical 25μA Quiescent Current
 High Efficiency up to 95%
 Load Disconnect during Shutdown
 Internal Soft Start and Compensation
 Power Good Indicator
 Hiccup Mode for Short-Circuit Protection
(SCP)
 Over-Temperature Protection (OTP)
 Available in a Small QFN-11 (2mmx3mm)
Package
APPLICATIONS
 Battery-Powered Devices
 Portable Instruments
 Tablet PC
 Super-Cap Charger
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10


Similar Part No. - MP28164GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28164GD MPS-MP28164GD Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results

Similar Description - MP28164GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
logo
Intersil Corporation
ISL91108 INTERSIL-ISL91108 Datasheet
387Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
November 12, 2014
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Renesas Technology Corp
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com