Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28164GD Datasheet HTML 8Page - Monolithic Power Systems MP28164GD Datasheet HTML 9Page - Monolithic Power Systems MP28164GD Datasheet HTML 10Page - Monolithic Power Systems MP28164GD Datasheet HTML 11Page - Monolithic Power Systems MP28164GD Datasheet HTML 12Page - Monolithic Power Systems MP28164GD Datasheet HTML 13Page - Monolithic Power Systems MP28164GD Datasheet HTML 14Page - Monolithic Power Systems MP28164GD Datasheet HTML 15Page - Monolithic Power Systems MP28164GD Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
12
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
On/off control. Pull EN high to enable the MP28164; pull EN down or leave EN floating to
disable all internal circuits. EN is pulled down to AGND with 1.5MΩ internally.
2
MODE/
SYNC
Operation mode selection. If MODE/SYNC is low, the MP28164 switches between PSM
and fixed frequency PWM automatically, according to the load level. If MODE/SYNC is high,
the MP28164 works in fixed frquency PWM mode continuously. An external clock can be
applied to MODE/SYNC for switching frequency synchronization. MODE/SYNC is pulled
down to AGND with 1MΩ internally. MODE/SYNC should be pulled high or low through a
resistor smaller than 10kΩ.
3
PG
Power good indicator. PG switches high and low based on the feedback voltage (FB).
4
VCC
Supply voltage for control stage. VCC is powered by the higher value of VIN or VOUT.
Decouple VCC with a 1μF capacitor.
5
AGND
Signal ground.
6
FB
Output voltage feedback. Keep FB and its associated traces far from noise sources like
SW.
7
VOUT
Buck-boost converter output. An output capacitor should be placed close to VOUT and
PGND.
8
SW2
Switch. Internal switches are connected to SW2. Connect an inductor between SW1 and
SW2.
9
PGND
Power ground.
10
SW1
Switch. Internal switches are connected to SW1. Connect an inductor between SW1 and
SW2.
11
VIN
Supply voltage for power stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com