Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28164GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP28164GD Datasheet HTML 10Page - Monolithic Power Systems MP28164GD Datasheet HTML 11Page - Monolithic Power Systems MP28164GD Datasheet HTML 12Page - Monolithic Power Systems MP28164GD Datasheet HTML 13Page - Monolithic Power Systems MP28164GD Datasheet HTML 14Page - Monolithic Power Systems MP28164GD Datasheet HTML 15Page - Monolithic Power Systems MP28164GD Datasheet HTML 16Page - Monolithic Power Systems MP28164GD Datasheet HTML 17Page - Monolithic Power Systems MP28164GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
14
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP28164 is a high-efficiency, dual-mode,
buck-boost converter that provides an output
voltage above, equal to, or below the input
voltage. The output voltage is sensed via FB
through an external resistor divider from the
output to ground (see Figure 1). The voltage
difference between FB and the internal reference
is amplified by the error amplifier to generate a
control signal (VC-Buck). By comparing VC-Buck with
the internal current ramp signal (the sensed
SWA’s current with slope compensation) through
the buck comparator, a pulse-width modulation
(PWM) control signal for the buck leg (SWA,
SWB) is generated.
Another control signal (VC-Boost) is derived from VC-
Buck through the level shift. Similarly, VC-Boost is
compared with the same ramp signal through the
boost comparator and generates a PWM control
signal for the boost leg (SWC, SWD). The switch
topology for the buck-boost converter is shown in
Figure 2.
Figure 2: Buck-Boost Switch Topology
Buck Region (VIN > VOUT)
When the input voltage is significantly higher
than the output voltage, the converter can deliver
energy to the load within SWA’s maximum duty
cycle by switching SWA and SWB. The converter
operates in buck mode. In this condition, SWD
remains on and SWC remains off. VC-Buck
compares with the current ramp signal normally
and generates a PWM output. Therefore,
SWA/SWB are pulse-width modulated to produce
the required duty cycle and eventually support
the output voltage.
Buck-Boost Region (VIN ≈ VOUT)
When VIN is close to VOUT, the converter is
unable to provide enough energy to load due to
SWA’s maximum duty cycle, so the current ramp
signal cannot trigger VC-Buck in the first period, and
SWA remains on with 100% duty cycle. If SWB is
not turned on in the first period, boost begins
working in the secondary period (SWC switches
in the secondary period) and an offset voltage is
added to the current ramp signal to allow it to
reach VC-Buck. SWC turns off when the current
ramp signal intersects with VC-Boost in the
secondary period, and SWD conducts the
inductor current when SWC is off. This is called
boost operation.
SWA turns off when the current ramp signal
intersects with VC-Buck in the secondary period,
and SWB turns on to conduct the inductor current
after SWA turns off. This is called buck operation.
If SWB turns on in the secondary period, the
boost operation (SWC on) is disabled in the
following cycle. If SWA continues to conduct with
100% duty in the secondary cycle, the boost
operation is also enabled in the following duty
cycle. SWA/SWB and SWC/SWD switch during
this condition simultaneously. This is called buck-
boost mode.
Boost Region (VIN < VOUT)
When the input voltage is significantly lower than
the output voltage, the control voltage (VC-Buck) is
always higher than the current ramp signal. The
offset voltage is added to the current signal, so
SWB cannot turn on in all cycles. The boost
operation (SWC on) is enabled in every cycle
based on the logic, so only SWC and SWD
switch. This is called boost mode. In this
condition, SWC/SWD are pulse-width modulated
to produce the required duty cycle and eventually
support the output regulation voltage.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is used to protect
the device from operating at an insufficient
supply voltage. The MP28164’s UVLO circuit
monitors the VCC voltage. During start-up, VIN
must rise higher than VIN-UVLO-R to support enough
VCC voltage and enable the IC. After the IC is
enabled, VCC is powered by VIN or VOUT
(depending on which is higher), so the IC can
work, even if VIN drops to 1.2V, unless VCC
drops to the VCC-UVLO-F threshold.
During start-up, if VCC has a bias voltage from
another power supply, the MP28164 can work
with 1.2V of input power. If VIN is much lower
than 1.2V, SWA RDS(ON) is high, and the
MP28164 cannot supply high power to the output.
If VIN drops to 0.69V, the MP28164 stops
working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com