Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems MP8126DF Datasheet HTML 6Page - Monolithic Power Systems MP8126DF Datasheet HTML 7Page - Monolithic Power Systems MP8126DF Datasheet HTML 8Page - Monolithic Power Systems MP8126DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
5
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
TSSOP-16
Pin #
QFN24
Name
Description
1
22
SGND
Analog ground.
2
23, 24
BYPASS
Connect a bypass capacitor for the internal regulator.
3
2
VDD
Input supply.
4
4
COMP
Compensation pin for Boost regulator (47nF& 4.7k & 470pF is
suggested).
5
5
EN
Regulator On/Off Control Input. The output is disabled when this pin
goes low. The converter turns on when this pin goes high. Connect EN
to the input source (through a 100kΩ pull-up resistor if VIN > 6V) for
automatic startup. Do not leave EN floating.
6
6
LINEDROP
VOUT compensation selection. For voltage drops on the long coaxial
cable. The LDO output increases by 1V when LINEDROP is high,. Do
not leave LINEDROP floating.
7
7
POK
Power OK. A high output indicates that LDO output is within ±12% of
nominal value. A low output means that LDO output is outside this
window.
8
8
13V/18V
Select 13V or 18V. For output voltage. Select logic HIGH for 18V and
LOW for 13V. Do not leave this pin floating.
9
10
EXTM
External Modulation Input. For 22kHz signaling that is internally shaped
and transferred to the output. Tie it to ground if not used.
10
11
TCAP
Internal voltage reference for LDO output, A soft-start capacitor can be
connected to this pin to set rise time of the output voltage. The
capacitor should be very close to this pin and SGND, and the route
should keeps far away from any noise like SW copper.
11
12
ILIMIT
Output Current Limit Set. Sets the LDO output current limit of LDO.
Program using a resistor from ILIMIT to GND.
12
13, 14
VOUT
Output Voltage.
13
15, 16
VBOOST
Internal LDO Input.
14
17
BST
Internal LDO Driver Supply.
15
19
SW
Switching Input. Drain of the internal boost-stage MOSFET. Connect
the power inductor and output rectifier to SW.
16
20, 21
PGND
Power Ground.
1, 3, 9, 18
NC
Not Connect.
EP
Exposed Pad
Heatsink. Not connected internally. Connect to a metal GND pad for
best results. Do not connect to other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com