Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8126DF Datasheet HTML 1Page - Monolithic Power Systems MP8126DF Datasheet HTML 2Page - Monolithic Power Systems MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems MP8126DF Datasheet HTML 6Page - Monolithic Power Systems MP8126DF Datasheet HTML 7Page - Monolithic Power Systems MP8126DF Datasheet HTML 8Page - Monolithic Power Systems MP8126DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP8126
550mA, 8V-to-14V Input, LNB-Power Supply
and Control-Voltage Regulator
MP8126 Rev. 1.03
www.MonolithicPower.com
1
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8126 is a voltage regulator designed to
provide efficient, low-noise power to a satellite
receiver’s RF LNB (Low Noise Block) converter.
It connects using a coaxial cable through a link
that
is
compatible
with
the
European
EUTELSAT specification (DiSEqC) 1.x that
receives instructions from a dedicated controller.
The MP8126 integrates a current-mode boost
regulator followed by a tracking linear regulator.
The boost regulator provides a clean and quiet
power source that will not contaminate the low-
noise RF signal as it is down-converted to the
receiver. The tracking linear regulator protects
the output against overloads or shorts.
The MP8126 provides a number of features
described in the DiSEqC, including voltage
selection
of
horizontal
or
vertical
LNB
polarization directions, and selectable VOUT
compensation for substantial voltage drops on
long coaxial cable. In accordance with DiSEqC,
the part can detect a 22kHz signal and output a
shaped signal.
The MP8126 is available in a thermally-
enhanced
TSSOP16EP
and
24-pin
QFN
(4X4mm) packages.
FEATURES
• DiSEqC 1.x Compatibility
• Up to 550mA Output Current
• Programmable Current Limit
• 8V-to-14V Input Voltage
• Boost Converter with Internal Switch
• Low-Noise LDO Output
• Built-In 22kHz Signal Shaper
• 1V Line-Drop Compensator
• Adjustable Soft-Start Time
• POK Indicator
• Short-Circuit Protection
• Over-Temperature Protection
• TSSOP16 Exposed Pad and 24-pin QFN
(4X4mm) Packages
APPLICATIONS
• LNB Power Supply and Control for Satellite
Set Top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit the MPS website under Products, Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8126DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8126DF MPS-MP8126DF Datasheet
256Kb / 5P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
More results

Similar Description - MP8126DF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
MP8125 MPS-MP8125 Datasheet
341Kb / 13P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
EV8126DF-00A MPS-EV8126DF-00A Datasheet
256Kb / 5P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
EV8125EF-00A MPS-EV8125EF-00A Datasheet
154Kb / 4P
550mA, 8-14V Input, LNB Power Supply and Control Voltage Regulator Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com