Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8126DF Datasheet HTML 5Page - Monolithic Power Systems MP8126DF Datasheet HTML 6Page - Monolithic Power Systems MP8126DF Datasheet HTML 7Page - Monolithic Power Systems MP8126DF Datasheet HTML 8Page - Monolithic Power Systems MP8126DF Datasheet HTML 9Page - Monolithic Power Systems MP8126DF Datasheet HTML 10Page - Monolithic Power Systems MP8126DF Datasheet HTML 11Page - Monolithic Power Systems MP8126DF Datasheet HTML 12Page - Monolithic Power Systems MP8126DF Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
9
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The
MP8126
is
a
single-output
voltage
regulator that provides both the supply voltage
and the control signal from satellite set-top box
modules to the LNB (low noise block) of the
antenna port.
The MP8126 has an integrated boost converter
that—from a single supply source between 8V
and 14V—generates a voltage that enables the
linear
post-regulator
to
function
while
minimizing power dissipation.
Boost Converter/Linear Regulator
The boost converter is a fixed-frequency, non-
synchronous, voltage regulator with peak
current mode control. The operating frequency
is 342 kHz, typically.
To reduce power dissipation, the boost
converter operates in a pulse-skipping mode at
light load.
The output voltage of the boost converter tracks
the requested output voltage to allow the linear
regulator to work at the minimum drop-out
voltage.
13V/18V Switching
The 13V/18V logic input pin can set the output
voltage to select different LNB polarization
directions. A logic HIGH sets the output to 18V
LOW sets it to 13V.
LINEDROP Control
The MP8126 has a voltage compensation
function
that
compensates
for
excessive
voltage drop along the coaxial cable. Setting
the LINEDROP pin to HIGH allows the output
voltage increases by 1V while LOW disables
the function.
Soft-Start
An external capacitor (CSS) implements the soft-
start function. Estimate the value of CSS given
the required slew rate (k) of the output voltage
using the following formula:
SS
CHA
C(15 I
) / k
=×
Where ICHA is typically 7μA.
Current Limit
An external resistor connected to the ILIMIT pin
limits the output current dynamically. Select
RLIMIT using the following formula:
LIMIT
LIMIT
I7700 / R
=
When an overload occurs, the device regulates
the output current at the current limit level for
50ms. If the overload is still detected after this
50ms, the output shuts down for 2 seconds
before the resuming the output.
The boost converter uses an integrated cycle-
by-cycle
over-current
limit
function
that
guarantees the part works with a full load.
To ensure normal current-limiting functionality,
select a RLIMIT not less than 10kΩ
Power Good (POK)
POK connects to an internal, open-drain device.
When the output voltage falls out of the ±12%
normal value range, POK is pulled down.
Otherwise, POK is pulled high.
Tone Generation
In accordance with DiSEqC standards, the part
can detect a 22kHz signal through EXTM pin,
shape it with the built-in amplitudes and rise/fall
times, and modulate the output (Figure 2). Tie
the EXTM pin to GND if the 22kHz signal isn’t
needed.
EXTM
Output
13V/18V
Figure 2: Tone Signal at Output
Thermal Protection
When
the
junction
temperature
exceeds
+150°C, the part shuts down. Once the junction
temperature cools—typically to 130°C—the part
restarts automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com