Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8126DF Datasheet HTML 3Page - Monolithic Power Systems MP8126DF Datasheet HTML 4Page - Monolithic Power Systems MP8126DF Datasheet HTML 5Page - Monolithic Power Systems MP8126DF Datasheet HTML 6Page - Monolithic Power Systems MP8126DF Datasheet HTML 7Page - Monolithic Power Systems MP8126DF Datasheet HTML 8Page - Monolithic Power Systems MP8126DF Datasheet HTML 9Page - Monolithic Power Systems MP8126DF Datasheet HTML 10Page - Monolithic Power Systems MP8126DF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
7
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the DESIGN EXAMPLE section.
VIN =12V, VLINEDROP=5V, VEXTM=0V, IOUT=0.55A, TA = +25ºC, unless otherwise noted.
VOUT
10V/div.
VBOOST
20V/div.
VEN
5V/div.
IOUT
500mA/div.
VOUT
10V/div.
VBOOST
20V/div.
VEN
5V/div.
IOUT
500mA/div.
IOUT
500mA/div.
IOUT
200mA/div.
VOUT
10V/div.
VBOOST
10V/div.
VSW
20V/div.
V13V/18V
5V/div.
2
μ s/div.
EN Startup
EN Shutdown
1
μ s/div.
13V to 18V Switch
1
μ s/div.
18V to 13V Switch
200
μ s/div.
22kHz Tone Signal
Vin=12V, Vo=19V,Io=0.1A
Output Ripple
Vin=12V, Vo=19V,Io=0.55A
VOUT
10V/div.
VBOOST
10V/div.
VSW
20V/div.
VOUT
10V/div.
VOUT(AC)
200mV/div.
VBOOST
10V/div.
VBOOST(AC)
20mV/div.
VSW
20V/div.
VEXTM
5V/div.
V13V/18V
5V/div.
IOUT
500mA/div.
VOUT(AC)
20mV/div.
VBOOST(AC)
100mV/div.
VSW
20V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com