Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8126DF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8126DF
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126DF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8126DF Datasheet HTML 5Page - Monolithic Power Systems MP8126DF Datasheet HTML 6Page - Monolithic Power Systems MP8126DF Datasheet HTML 7Page - Monolithic Power Systems MP8126DF Datasheet HTML 8Page - Monolithic Power Systems MP8126DF Datasheet HTML 9Page - Monolithic Power Systems MP8126DF Datasheet HTML 10Page - Monolithic Power Systems MP8126DF Datasheet HTML 11Page - Monolithic Power Systems MP8126DF Datasheet HTML 12Page - Monolithic Power Systems MP8126DF Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
11
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Top Layer
Bottom Layer
Figure 3: MP8126DF PCB Layout Guide
GND
C1
C4
L1
C10
R5
C5
2
116
15
14
13
12
11
10
9
SGND
PGND
D1
L2
B230A
BYPASS
VDD
COMP
EN
SW
GND
VOUT
EXTM
D2
B0540
D3
B0504
C6
R1
C7 22nF
R8
100k
10k
BST
VBOOST
VOUT
ILIMIT
TCAP
EXTM
LINEDROP
POK
13V/18V
3
4
5
6
7
8
MP8126
47nF
R7
100k
4.7k
0.47nF
R3
100k
R6
100k
R2
100k
VIN
EN
13V/18V
LINEDROP
Figure 4: Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com