Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3606GQV Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPM3606GQV Datasheet HTML 1Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 2Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 3Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 4Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 5Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 6Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 7Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
2
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPM3606GQV
QFN-20 (3mmx5mmx1.6mm)
MP3606
M
* For Tape & Reel, add suffix –Z (e.g. MPM3606GQV–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..................................................-0.3V to 28V
VSW......................................................................
-0.3V (-5V for <10ns) to 28V (30V for <10ns)
VBST ........................................................ VSW+6V
All Other Pins................................-0.3V to 6V (2)
Continuous Power Dissipation (TA = +25°C)
(3)
............................................................. 2.7W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN ...........................4.5V to 21V
Output Voltage VOUT..................... 0.8V to 5.5V
(5)
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(6)
θJA θJC
QFN-20 (3mmx5mmx1.6mm) ...46.... 10... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) About the details of EN pin’s ABS MAX rating, please refer to
page 11, Enable control section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) For output voltage setting above 5.5V, please refer to the
application information on page 13.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com