Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3606GQV Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPM3606GQV Datasheet HTML 5Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 6Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 7Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 10Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 11Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 12Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
9
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
FB
Feedback. Connect to the tap of an external resistor divider from the output to AGND to
set the output voltage. The frequency fold-back comparator lowers the oscillator
frequency when the FB voltage is below 400mV to prevent current limit runaway during
a short circuit fault. Place the resistor divider as close to the FB pin as possible. Avoid
placing vias on the FB traces.
2
VCC
Internal 5V LDO output. Internal circuit integrates LDO output capacitor, so there is no
need to add external capacitor.
3
AGND
Analog Ground. Reference ground of logic circuit. AGND is internally connected to
PGND. No need add external connections to PGND.
4, 5, 6
SW
Switch Output. Large copper plane is recommended on pin 4, 5 and 6 for better heat
sink.
7, 8, 9
OUT
Power Output. Connect load to this pin. Output capacitor is needed.
10, 15, 19,
20
NC
DO NOT CONNECT. Pin must be left floating.
11
BST
Bootstrap. Bootstrap capacitor is integrated internally. External connection is not
needed.
12, 13, 14
PGND
Power Ground. Reference ground of the power device. PCB layout requires extra care.
For best results, connect to PGND with copper and vias.
16
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MPM3606 operates from a +4.5V to +21V input rail. Requires a low-ESR, and low-
inductance capacitor to decouple the input rail. Place the input capacitor very close to
this pin and connect it with wide PCB traces and multiple vias.
17
EN
EN=high to enable the module. Float EN pin or connect it to ground will disable the
converter.
18
AAM
Advanced Asynchronous Modulation. AAM pin sources a 6.2μA current from internal
5V supply. Float AAM pin or drive AAM pin high (>2.5V) to force the MPM3606 to
always operate in CCM. Connect a resistor to ground to program AAM voltage in the
range of 0 to1V if non-synchronous mode is required under light load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com