Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3606GQV Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 10Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 11Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 12Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 13Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 14Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 15Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 16Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
13
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation
capacitor
(see
Typical
Application on page 1). Choose R1 refer to
Table 1, R2 is then given by:
OUT
R1
R2
V
1
0.798V
Figure 5: Feedback Network
Table 1 lists the recommended resistors value
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
RAAM(kΩ)
(9)
1.0
221
887
9.09
1.2
191
383
11.3
1.5
158
180
13
1.8
102
82
18.2
2.5
75
34.8
25.5
3.3
75
24
33
5
100
19.1
45.3
Notes:
9) The recommended RAAM value is based on 12V input voltage,
please refer to Figure 7 for full input and output voltage
range’s RAAM value.
Normally output voltage is recommended to be
set from 0.8V to 5.5V. Actually it can be set
larger than 5.5V. Output voltage ripple will be
larger in this case. Additional output capacitor
may be needed to reduce the output voltage
ripple.
When output voltage is high, the chip’s heat
dissipation become more important, please
refer to PC Board layout guidelines on page 14-
15 to achieve better thermal effect.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore requires a capacitor is
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Use ceramic capacitors with X5R
or X7R dielectrics for best results because of
their
low
ESR
and
small
temperature
coefficients. For most applications, use a 10µF
capacitor.
Since C1 absorbs the input switching current, it
requires an adequate ripple current rating. The
RMS current in the input capacitor can be
estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high quality ceramic
capacitor (e.g. 0.1μF) placed as close to the IC
as possible. When using ceramic capacitors,
make sure that they have enough capacitance
to
provide
sufficient
charge
to
prevent
excessive voltage ripple at input. The input
voltage ripple caused by capacitance can be
estimated as:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 


Setting the AAM Voltage
The AAM voltage is used to set the transition
point from AAM to CCM. It should be chosen to
provide the best combination of efficiency,
stability, ripple, and transient.
If the AAM voltage is set lower, then stability
and ripple improves, but efficiency during AAM
mode and transient degrades. Likewise, if the
AAM voltage is set higher, then the efficiency
during AAM and transient improves, but stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com